Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA8565TS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565TS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA8565TS Datasheet HTML 6Page - NXP Semiconductors PCA8565TS Datasheet HTML 7Page - NXP Semiconductors PCA8565TS Datasheet HTML 8Page - NXP Semiconductors PCA8565TS Datasheet HTML 9Page - NXP Semiconductors PCA8565TS Datasheet HTML 10Page - NXP Semiconductors PCA8565TS Datasheet HTML 11Page - NXP Semiconductors PCA8565TS Datasheet HTML 12Page - NXP Semiconductors PCA8565TS Datasheet HTML 13Page - NXP Semiconductors PCA8565TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
10 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
For accurate read back of the countdown value, the I2C-bus clock (SCL) must be
operating at a frequency of at least twice the selected timer clock.
8.7 EXT_CLK test mode
A test mode is available which allows for on-board testing. In such a mode it is
possible to set up test conditions and control the operation of the RTC.
The test mode is entered by setting bit TEST1 in control/status1 register. Then
pin CLKOUT becomes an input. The test mode replaces the internal 64 Hz signal
with the signal applied to pin CLKOUT. Every 64 positive edges applied to
pin CLKOUT will then generate an increment of one second.
The signal applied to pin CLKOUT should have a minimum pulse width of 300 ns and
a minimum period of 1000 ns. The internal 64 Hz clock, now sourced from CLKOUT,
is divided down to 1 Hz by a 26 divide chain called a pre-scaler. The pre-scaler can be
set into a known state by using bit STOP. When bit STOP is set, the pre-scaler is
reset to 0 (STOP must be cleared before the pre-scaler can operate again).
From a STOP condition, the first 1 second increment will take place after 32 positive
edges on CLKOUT. Thereafter, every 64 positive edges will cause a 1 second
increment.
Remark: Entry into EXT_CLK test mode is not synchronized to the internal 64 Hz
clock. When entering the test mode, no assumption as to the state of the pre-scaler
can be made.
Operation example:
1. Set EXT_CLK test mode (control/status 1, bit TEST1 = 1)
2. Set STOP (control/status 1, bit STOP = 1)
Table 24:
Timer control (address 0EH) bits description
Bit
Symbol
Value
Description
7
TE
0
timer is disabled
1
timer is enabled
1 to 0
TD1 and
TD0
timer source clock frequency select; these bits determine the source clock for the
countdown timer, see Table 25; when not in use, TD1 and TD0 should be set to
1
⁄
16 Hz for power saving
Table 25:
TD1 and TD0: Timer frequency selection
TD1
TD0
TIMER Source clock frequency
0
0
4096 Hz
0164 Hz
101 Hz
11
1
⁄60 Hz
Table 26:
Timer (address 0FH) bits description
Bit
Symbol
Value
Description
7 to 0
timer
00 to FF
countdown value = n; CountdownPeriod
n
SourceClockFrequency
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com