Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA8565TS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565TS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA8565TS Datasheet HTML 15Page - NXP Semiconductors PCA8565TS Datasheet HTML 16Page - NXP Semiconductors PCA8565TS Datasheet HTML 17Page - NXP Semiconductors PCA8565TS Datasheet HTML 18Page - NXP Semiconductors PCA8565TS Datasheet HTML 19Page - NXP Semiconductors PCA8565TS Datasheet HTML 20Page - NXP Semiconductors PCA8565TS Datasheet HTML 21Page - NXP Semiconductors PCA8565TS Datasheet HTML 22Page - NXP Semiconductors PCA8565TS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
19 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
13. Application information
VDD = 3 V; Timer = 1 minute.
Tamb =25 °C; normalized to VDD =3V.
Fig 17. IDD as a function of T; CLKOUT = 32 kHz.
Fig 18. Frequency deviation as a function of VDD.
−40
1.5
1
0.5
0
0
160
40
80
120
MLD972
T (
°C)
IDD
(
µA)
02
6
4
2
−4
−2
0
MLD973
4
VDD (V)
frequency
deviation
(ppm)
Fig 19. Application diagram.
MCE168
SCL
SDA
VSS
OSCI
OSCO
CLOCK CALENDAR
PCA8565
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
VDD
VDD
SDA
SCL
RR
VDD
(I2C-bus)
R: pull-up resistor
R =
1
µF
tr
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com