Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5526TL/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 19Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 20Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 21Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 22Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 23Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 24Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 25Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
LP5526
www.ti.com
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
5. Set target WLED value
6. Fading will be done either within 0.65s or 1.3s based on SLOPE selection
Fading times apply to full scale change i.e. from 0 to 100% or vice versa. If the current change does not
correspond to full scale change, the time will be respectively shorter. See WLED Dimming diagrams for typical
fade times.
Table 7. WLED CONTROL REGISTER (03H)(1)
Name
Bit
Description
SLOPE
5
FADE execution time:
0 = 1.3s (full scale)
1 = 0.65s (full scale)
FADE_SEL
4
FADE selection:
0 = FADE controls MAIN
1 = FADE controls SUB
EN_FADE
3
FADE enable
0 = FADE disabled
1 = FADE enabled
DISPL
2
Display mode:
0 = MAIN and SUB individual control
1 = MAIN and SUB controlled with MAIN DAC
EN_MAIN
1
MAIN enable:
0 = disable
1 = enable
EN_SUB
0
SUB enable:
0 = disable
1 = enable
(1)
If DISPL=1 and FADE_SEL=0 then FADE affects MAIN and SUB.
Adjustment is made with 04H (main current) and with 05H (sub current) registers:
MAIN CURRENT [7:0]
Driver Current,
SUB CURRENT [7:0]
mA (typical)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
0000 0011
0.3
…
…
…
…
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
Backlight Driver Electrical Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
IMAX
Maximum Sink Current
25.5
30
mA
ILEAKAGE
Leakage Current
VSUB, MAIN =20V
0.003
1
µA
IMAIN
MAIN Current tolerance
IMAIN and ISUB set to 12.8mA
11.1
12.8
14.1
mA
ISUB
SUB Current tolerance
(80H)
%
MatchMAIN-SUB
Sink current matching error(1)
ISINK=12.8mA, DISPL=1
0.2
%
MatchMAIN-SUB
Sink current matching error(1)
ISINK=12.8mA, DISPL=0
5
%
VSAT
95% Saturation Voltage
ISINK=25.5mA
400
500
mV
650
(1)
Matching is the maximum difference from the average.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com