Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2341IPE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2341IPE4
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341IPE4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2341IPE4 Datasheet HTML 1Page - Texas Instruments TLV2341IPE4 Datasheet HTML 2Page - Texas Instruments TLV2341IPE4 Datasheet HTML 3Page - Texas Instruments TLV2341IPE4 Datasheet HTML 4Page - Texas Instruments TLV2341IPE4 Datasheet HTML 5Page - Texas Instruments TLV2341IPE4 Datasheet HTML 6Page - Texas Instruments TLV2341IPE4 Datasheet HTML 7Page - Texas Instruments TLV2341IPE4 Datasheet HTML 8Page - Texas Instruments TLV2341IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
bias-select feature
The TLV2342 offers a bias-select feature that allows the user to select any one of three bias levels, depending
on the level of performance desired. The tradeoffs between bias levels involve ac performance and power
dissipation (see Table 1).
Table 1. Effect of Bias Selection on Performance
TYPICAL PARAMETER VALUES
MODE
TYPICAL PARAMETER VALUES
TA = 25°C, VDD = 3 V
HIGH BIAS
RL = 10 kΩ
MEDIUM BIAS
RL = 100 kΩ
LOW BIAS
RL = 1 MΩ
UNIT
PD
Power dissipation
975
195
15
µW
SR
Slew rate
2.1
0.38
0.02
V/
µs
Vn
Equivalent input noise voltage at f = 1 kHz
25
32
68
nV/
√Hz
B1
Unity-gain bandwidth
790
300
27
kHz
φm
Phase margin
46
°
39
°
34
°
AVD
Large-signal differential voltage amplification
11
83
400
V/mV
bias selection
Bias selection is achieved by connecting BIAS SELECT to one of three voltage levels (see Figure 1). For
medium-bias applications, it is recommended that the bias-select pin be connected to the midpoint between the
supply rails. This procedure is simple in split-supply applications since this point is ground. In single-supply
applications, the medium-bias mode necessitates using a voltage divider as indicated in Figure 1. The use of
large-value resistors in the voltage divider reduces the current drain of the divider from the supply line. However,
large-value resistors used in conjunction with a large-value capacitor require significant time to charge up to
the supply midpoint after the supply is switched on. A voltage other than the midpoint may be used if it is within
the voltages specified in the following table.
To the Bias-Select Pin
1 M
Ω
High
Medium
Low
VDD
1 M
Ω
0.01
µF
BIAS MODE
BIAS-SELECT VOLTAGE
(single supply)
Low
Medium
High
VDD
1 V to VDD –1 V
GND
Figure 1. Bias Selection for Single-Supply Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com