Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2341IPE4 Datasheet(PDF) 39 Page - Texas Instruments

Part # TLV2341IPE4
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341IPE4 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLV2341IPE4 Datasheet HTML 35Page - Texas Instruments TLV2341IPE4 Datasheet HTML 36Page - Texas Instruments TLV2341IPE4 Datasheet HTML 37Page - Texas Instruments TLV2341IPE4 Datasheet HTML 38Page - Texas Instruments TLV2341IPE4 Datasheet HTML 39Page - Texas Instruments TLV2341IPE4 Datasheet HTML 40Page - Texas Instruments TLV2341IPE4 Datasheet HTML 41Page - Texas Instruments TLV2341IPE4 Datasheet HTML 42Page - Texas Instruments TLV2341IPE4 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (LOW-BIAS MODE)
Figure 78
20
10
5
0
30
35
40
25
15
VDD – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
45
0
246
8
VIC = 1 V
VO = 1 V
No Load
TA = – 40°C
TA = 25°C
TA = 85°C
Figure 79
15
10
5
0
20
25
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
30
TA – Free-Air Temperature – °C
– 75
– 50
– 25
0
25
50
75
100
125
VIC = 1 V
VO = 1 V
No Load
VDD = 5 V
VDD = 3 V
Figure 80
0.04
0.02
0.01
0
0.06
0.03
02
46
8
0.05
SLEW RATE
vs
SUPPLY VOLTAGE
0.07
VDD – Supply Voltage – V
VIC = 1 V
VI(PP) = 1 V
AV = 1
RL = 1 MΩ
CL = 20 pF
TA = 25°C
Figure 81
0.04
0.02
0.01
0
0.06
0.07
0.05
0.03
SLEW RATE
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VIC = 1 V
VI(PP) = 1 V
AV = 1
RL = 1 MΩ
CL = 20 pF
VDD = 5 V
VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com