Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VT83N3 Datasheet(PDF) 33 Page - PerkinElmer Optoelectronics

Part # VT83N3
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT83N3 Datasheet(HTML) 33 Page - PerkinElmer Optoelectronics

Back Button VT83N3 Datasheet HTML 29Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 30Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 31Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 32Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 33Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 34Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 35Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 36Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 37Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
28
What Are Analog Optical Isolators?
PerkinElmer Optoelectronics has been a leading manufacturer of
analog optical isolators for over twenty years and makes a broad range
of standard parts under its trademark VACTROL®.
There are many kinds of optical isolators, but the most common is the
LED/phototransistor type. Other familiar types use output elements
such as light sensitive SCRs, Triacs, FETs, and ICs. The major
application for these silicon based devices is to provide electrical
isolation of digital lines connected between different pieces of
equipment. The principle of operation is very simple. When an input
current is applied to the LED, the output phototransistor turns on. The
only connection between the LED and phototransistor is through
light—not electricity, thus the term optical isolator. These optical
isolators are primarily digital in nature with fast response times suitable
for interfacing with logic gates. Rise and fall times of a few
microseconds, faster for some isolators, are typical.
The analog optical isolator (AOI) also uses an optical link between
input and output. The input element is an LED and the output element
is always photoconductive cell or simply photocell. Together, the
coupled pair act as an electrically variable potentiometer. since the
output element of the AOI is a resistor, the voltage applied to this
output resistor may be DC and/or AC and the magnitude may be as
low as zero or as high as the maximum voltage rating. Because the
input will control the magnitude of a complex waveform in a
proportional manner, this type of isolator is an analog control element.
AOIs may be used in the ON-OFF mode but the fastest response time
is only in the millisecond range. A level sensitive Schmitt trigger is
required between the AOI and logic gates when used in digital circuits.
The figure below shows the circuit diagram of a standard AOI.
AOI Circuit Diagram
Input Element
Light emitting diodes used in AOIs are usually visible LEDs best
matching the sensitivity spectrum of the photocell output element.
LEDs are the ideal input element in most applications. They require
low drive current and voltage, respond very fast and have virtually
unlimited life. They are very rugged and are unaffected by shock and
vibration. Since the LED is a diode, it conducts in one direction only.
They must be protected from excessive forward current due to the low
dynamic resistance in the forward direction. The forward characteristic
of an LED typically used in VACTROLs is shown below.
LED Forward Characteristics
Output Element
The output element in all PerkinElmer’s AOIs is a light dependent
resistor (LDR), also called a photoconductor or photocell. Photocells
are true resistors.
These passive resistors are made from a light sensitive polycrystalline
semiconductor thin film which has a very high electron/photon gain.
There are no P/N junctions in a photocell, making it a bilateral device.
The resistance of the photocell depends on the amount of light falling
on the cell. For a given illumination, the amount of electrical current
through the cell depends on the voltage applied. This voltage may be
either AC or DC. Thus, the photocell is the ideal low distortion output
element for an analog optoisolator.
A complete discussion of photoconductive cells can be found in the
first section of this book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com