Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VT83N3 Datasheet(PDF) 10 Page - PerkinElmer Optoelectronics

Part # VT83N3
Description  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT83N3 Datasheet(HTML) 10 Page - PerkinElmer Optoelectronics

Back Button VT83N3 Datasheet HTML 6Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 7Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 8Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 9Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 10Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 11Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 12Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 13Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 14Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
5
Selecting a Photocell
Specifying the best photoconductive cell for your application requires
an understanding of its principles of operation. This section reviews
some fundamentals of photocell technology to help you get the best
blend of parameters for your application.
When selecting a photocell the design engineer must ask two basic
questions:
1.
What kind of performance is required from the cell?
2.
What kind of environment must the cell work in?
Performance Criteria
Sensitivity
The sensitivity of a photodetector is the relationship between the light
falling on the device and the resulting output signal. In the case of a
photocell, one is dealing with the relationship between the incident light
and the corresponding resistance of the cell.
Defining the sensitivity required for a specific application can prove to
be one of the more difficult aspects in specifying a photoconductor. In
order to specify the sensitivity one must, to some degree, characterize
the light source in terms of its intensity and its spectral content.
Within this handbook you will find curves of resistance versus light
intensity or illumination for many of PerkinElmer’s stock photocells. The
illumination is expressed in units of fc (foot candles) and lux. The light
source is an incandescent lamp. This lamp is special only in that the
spectral composition of the light it generates matches that of a black
body at a color temperature of 2850 K. This type of light source is an
industry agreed to standard.
Over the years PerkinElmer has developed different “types” of
photoconductive materials through modifications made to the chemical
composition of the detector. For a given type of photoconductor
material, at a given level of illumination, the photoconductive film will;
have a certain sheet resistivity. The resistance of the photocell at this
light level is determined by the electrode geometry.
RH = ρH (w / l )
where:
RH = resistance of cell at light
level H
ρ
H
=
sheet
resistivity
of
photoconductive film at light level
H
w = width of electrode gap
l = length of electrode gap
Sheet
sensitivity
(
ρ
H)
for
photoconductive films at 2 fc are in the range of 20 M
Ω per square.
The ratio w / l can be varied over a wide range in order to achieve
design goals. Typical values for w / l run from 0.002 to 0.5, providing
flexibility for terminal resistance and maximum cell voltage.
Spectral Response
Like the human eye, the relative sensitivity of a photoconductive cell is
dependent on the wavelength (color) of the incident light. Each
photoconductor material type has its own unique spectral response
curve or plot of the relative response of the photocell versus
wavelength of light.
The spectral response curves for PerkinElmer’s material types are
given in the handbook and should be considered in selecting a
photocell for a particular application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com