Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8501TMX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 11Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
Write FFh to Reset
Register 3Dh
or
POR=H
TSD = H
NORMAL MODE
EN=H (pin) and
CHIP_EN=H (bit)
EN=L (pin) or
CHIP_EN=L (bit)
POR
TSD = L
POWER SAVE
Enter power save
Exit power save
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
Modes of Operation
RESET In the RESET mode all the internal registers are reset to the default values. Reset is entered always if
FFh is written to Reset Register (3Dh) or internal Power-On Reset (POR) is active. POR will activate
during the chip startup or when the supply voltage VDD fall below 1.5V (typ.). Once VDD rises above 1.5V
(typ.), POR will deactivate, and the chip will continue to the STANDBY mode. The CHIP_EN control bit is
low after POR by default.
STANDBY: The STANDBY mode is entered if the register bit CHIP_EN or the EN pin is LOW, and Reset is not
active. This is the low-power consumption mode, when all circuit functions are disabled. Registers can be
written in this mode if the EN pin is raised to high state so that control bits will be effective right after the
start up.
STARTUP: When CHIP_EN bit is written high and the EN pin is high, the INTERNAL STARTUP SEQUENCE
powers up all the needed internal blocks (VREF, Bias, Oscillator etc.). Startup delay is 500
μs. If the chip
temperature rises too high, the Thermal Shutdown (TSD) disables the chip operation, and chip waits in
STARTUP mode until no thermal shutdown event is present.
NORMAL: During NORMAL mode the user controls the chip using the Control Registers.
POWER SAVE: In POWER SAVE mode analog blocks are disabled to minimize power consumption. See Power
Saving for further information.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com