Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8501TMX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
DIMMING
CONTROL
STEP COUNT
1
2
4
3
5
6
7
8
0
STEP TIME
SPAN =
187.5 ms
TIME ELAPSED (ms)
375
750
1125
1500
140
141
142
143
144
145
146
147
148
0
RAMP INSTRUCTION
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
RAMP
This is the instruction useful for smoothly changing from one PWM value into another PWM value on the D1 to
D9 outputs; in other words, generating ramps (with a negative or positive slope). The LP8501 allows
programming of very fast and very slow ramps.
Ramp instruction generates a PWM ramp, using the effective PWM value as a starting value. At each ramp step
the output is incremented/decremented by one unit, unless the step time span is 0 or number of increments is 0.
Time span for one ramp step is defined with prescale (bit [14]) and step time (bits [13:9]). Prescale = 0 sets 0.49
ms cycle time and prescale = 1 sets 15.6 ms cycle time; so the minimum time span for one step is 0.49 ms
(prescale * step time span = 0.49ms x 1) and the maximum time span is 15.6 ms x 31 = 484ms/step. Note: if all
the step time bits [13:9] are set to zero, instruction is treated as Set PWM instruction.
The number of increment define how many steps will be taken during one ramp instruction; maximum increment
value is 255d, which corresponds to incrementing from zero to the maximum value. If PWM reaches
minimum/maximum value (0/255) during the ramp instruction, ramp instruction will be executed to the end
regardless of saturation. This enables ramp instruction to be used as a combined ramp & wait instruction. Note:
Ramp instruction is the wait instruction when the increment bits [7:0] are set to zero.
Setting bit LOG_EN high/low sets logarithmic (1) or linear ramp (0) (bit 5 in registers 06h — 0Eh and in register
15h for GPO). By using the logarithmic ramp setting the visual effect appears like a linear ramp, because the
human eye behaves in a logarithmic way.
Name
Value (d)
Description
prescale
0
Divides master clock (32 768 Hz) by 16 = 2048 Hz
→ 0.488 ms cycle time
1
Divides master clock (32 768 Hz) by 512 = 64 Hz
→ 15.625 ms cycle time
sign
0
Increase PWM output
1
Decrease PWM output
step time
1 - 31
One ramp increment done in (step time) x (prescale). Note: 0 means Set PWM instruction
# of increments
0 - 255
The number of increment/decrement cycles Note: Value 0 takes the same time as increment by 1, but
it is the wait instruction.
RAMP INSTRUCTION APPLICATION EXAMPLE
Let's say that the LED dimming is controlled according to the linear scale and effective PWM value at the
moment t=0 is 140d (~55%,), as shown in Figure 21 below, and we want to reach a PWM value of 148d (~58%)
at the moment t = 1.5s. The parameters for the RAMP instruction will be:
•
Prescale = 1
→ 15.625 ms cycle time
•
Step time = 12
→ step time span will be 12*15.625 ms = 187.5 ms
•
Sign = 0
→ increase PWM output
•
# of increments = 8
→ take 8 steps
Figure 21. Example of Ramp Instruction
22
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com