Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8725TLE-D/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-D/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-D/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP8725TLE-D/NOPB Datasheet HTML 28Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 29Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 30Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 31Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 32Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 33Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 34Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 35Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
LP8725
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
www.ti.com
Stability
The stability of the buck is optimized for the 4.7 µF capacitors recommended in the datasheet. Either too small or
too large a capacitance can cause an oscillation at the output and/or excessive ringing during load transients.It is
advisable not to exceed a total of 15 µF capacitance at the output. See Table 14 for recommended output
capacitors.
See also the recommended inductors table (Table 13) as stability may be compromised by the use of inductors
whose actual value may change significantly from its nominal value due to the operating conditions. This may be
the case for the smaller case size chip inductors.
32
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com