Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8725TLE-D/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-D/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-D/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8725TLE-D/NOPB Datasheet HTML 30Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 31Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 32Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 33Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 34Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 35Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 36Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 37Page - Texas Instruments LP8725TLE-D/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
LP8725
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
www.ti.com
Table 13. Suggested Inductors and Suppliers
Model
Vendor
Dimensions LxWxH (mm)
DCR (m
Ω)
LQM2HPN 1R0MG0
Murata
2.5 x 2.0 x 1.0 (Max)
55
MIPSZ2520D1R0
FDK
2.5 x 2.0 x 1.0 (Max)
90
MIPSZ2012D1R0
FDK
2.0 x 1.25 x 1.0 (Max)
90
LPS3010-102NLC
Coilcraft
3.3 x 3.3 x 1.0 (Max)
85
Table 14. Suggested Capacitors and Suppliers
Model
Type
Vendor
Voltage Rating
Case Size Inch (mm)
4.7 µF for CIN and COUT
C1608X5R0J475K
Ceramic
TDK
6.3
0603 (1608)
C1608X5R1A475K
Ceramic
TDK
10
0603 (1608)
Dynamic Voltage Scaling
Buck 1 and Buck 2 can be switched between two output values stored in registers 0x08 and 0x09 for Buck1 and
0x0A and 0x0B for Buck2.
For Buck 2 output this control is achieved by changing the DVS2_V bit in the GENERAL register 0x00 (bit 3).
DVS2_V
OUTPUT
Reg0x00 Bit3
0
BUCK2_V2
Reg 0x0B[4-0]
1
BUCK2_V1
Reg 0x0A[4-0]
For Buck 1 this control can be either via the external DVS pin or via the DVS1_V bit in the GENERAL register
0x00 (bit 2). The control configurations are shown in the following table.
DVS1
DVS pin
OUTPUT
Reg0x00 Bit2
0
0
BUCK1_V2
Reg 0x09[4-0]
0
1
BUCK1_V1
Reg 0x08[4-0]
1
0
BUCK1_V2
Reg 0x09[4-0]
1
1
BUCK1_V1
Reg 0x08[4-0]
LDO Information
There are all together 7 LDOs in LP8725 grouped as
•
DIGITAL;
•
ANALOG; and
•
LOW INPUT LOW OUTPUT (LILO)
All LDOs can be programmed through serial interface for different output voltage values, which are summarized
in the output voltage selection tables.
At the PMU power on, LDOs startup according to the selected startup sequence and the default voltages. See
STARTUP and SHUTDOWN Sequences for details.
For stability all LDOs need to have external capacitors COUT connected to the output with recommended value of
1µF. It is important to select the type of capacitor whose capacitance will in no case (voltage, temperature, etc)
be outside of limits specified in the LDO electrical characteristics.
34
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com