Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK2201RCPR Datasheet(PDF) 15 Page - Texas Instruments

Part # TLK2201RCPR
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201RCPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLK2201RCPR Datasheet HTML 11Page - Texas Instruments TLK2201RCPR Datasheet HTML 12Page - Texas Instruments TLK2201RCPR Datasheet HTML 13Page - Texas Instruments TLK2201RCPR Datasheet HTML 14Page - Texas Instruments TLK2201RCPR Datasheet HTML 15Page - Texas Instruments TLK2201RCPR Datasheet HTML 16Page - Texas Instruments TLK2201RCPR Datasheet HTML 17Page - Texas Instruments TLK2201RCPR Datasheet HTML 18Page - Texas Instruments TLK2201RCPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
www.ti.com
GND
GNDA
TESTEN
TD0-TD9
REFCLK
PRBSEN
17
22
16
SYNCEN
24
SYNC/PASS
47
10
10
RD0-RD9
2
RBC0-RBC1
ENABLE
28
TCK
49
JTMS
55
JTDI
48
JTRSTN
56
JTDO
27
LOS
26
RBCMODE
32
LOOPEN
19
MODESEL
15
Host
Protocol
Device
JTAG
Controller
VDD VDDA
2.5 V
VDDPLL
GNDPLL
5
Ω at 100 MHz
2.5 V
64
18
62
Controlled Impedance
Transmission Line
TXP
61
Controlled Impedance
Transmission Line
TXN
54
Controlled Impedance
Transmission Line
RXP
52
Controlled Impedance
Transmission Line
RXN
Rt
Rt
50
Ω
50
Ω
TLK2201
TLK2201I
0.01
µF
Designing With PowerPAD™
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
Figure 12. Typical Application Circuit (AC mode)
The TLK2201 and TLK2201I are housed in a high performance, thermally enhanced, 64-pin VQFP (RCP64)
PowerPAD package. Use of the PowerPAD package does not require any special considerations except to note
that the PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. Therefore, if not implementing PowerPAD PCB features, the use of solder masks (or other assembly
techniques) may be required to prevent any inadvertent shorting by the exposed PowerPAD of connection etches
or vias under the package. It is strongly recommended that the PowerPAD be soldered to the thermal land. The
recommended convention, however, is to not run any etches or signal vias under the device, but to have only a
grounded thermal land as explained below. Although the actual size of the exposed die pad may vary, the
minimum size required for the keepout area for the 64-pin PFP PowerPAD package is 8 mm
נ
8 mm.
It is recommended that there be a thermal land, which is an area of solder-tinned-copper, underneath the
PowerPAD package. The thermal land varies in size depending on the PowerPAD package being used, the PCB
construction, and the amount of heat that needs to be removed. In addition, the thermal land may or may not
contain numerous thermal vias depending on PCB construction.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com