Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC932BA Datasheet(PDF) 60 Page - NXP Semiconductors

Part # P89LPC932BA
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932BA Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button P89LPC932BA Datasheet HTML 52Page - NXP Semiconductors P89LPC932BA Datasheet HTML 53Page - NXP Semiconductors P89LPC932BA Datasheet HTML 54Page - NXP Semiconductors P89LPC932BA Datasheet HTML 55Page - NXP Semiconductors P89LPC932BA Datasheet HTML 56Page - NXP Semiconductors P89LPC932BA Datasheet HTML 57Page - NXP Semiconductors P89LPC932BA Datasheet HTML 58Page - NXP Semiconductors P89LPC932BA Datasheet HTML 59Page - NXP Semiconductors P89LPC932BA Datasheet HTML 60Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
© Koninklijke Philips Electronics N.V. 2004.
Printed in the U.S.A.
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 06 January 2004
Document order number: 9397 750 12379
Contents
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 5
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 7
6
Logic symbol . . . . . . . . . . . . . . . . . . . . . . . . . . 11
7
Special function registers . . . . . . . . . . . . . . . . 11
8
Functional description . . . . . . . . . . . . . . . . . . 17
8.1
Enhanced CPU . . . . . . . . . . . . . . . . . . . . . . . . 17
8.2
Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
8.3
On-chip RC oscillator option . . . . . . . . . . . . . . 18
8.4
Watchdog oscillator option . . . . . . . . . . . . . . . 18
8.5
External clock input option . . . . . . . . . . . . . . . 18
8.6
CPU Clock (CCLK) wake-up delay . . . . . . . . . 19
8.7
CPU Clock (CCLK) modification: DIVM
register. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
8.8
Low power select . . . . . . . . . . . . . . . . . . . . . . 19
8.9
Memory organization . . . . . . . . . . . . . . . . . . . 19
8.10
Data RAM arrangement . . . . . . . . . . . . . . . . . 20
8.11
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
8.12
I/O ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
8.13
Power monitoring functions. . . . . . . . . . . . . . . 23
8.14
Power reduction modes . . . . . . . . . . . . . . . . . 24
8.15
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8.16
Timers/counters 0 and 1 . . . . . . . . . . . . . . . . . 26
8.17
Real-Time clock/system timer. . . . . . . . . . . . . 27
8.18
Capture/Compare Unit (CCU). . . . . . . . . . . . . 27
8.19
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.20
I2C-bus serial interface . . . . . . . . . . . . . . . . . . 33
8.21
Serial Peripheral Interface (SPI) . . . . . . . . . . . 35
8.22
Analog comparators . . . . . . . . . . . . . . . . . . . . 38
8.23
Keypad interrupt (KBI) . . . . . . . . . . . . . . . . . . 39
8.24
Watchdog timer. . . . . . . . . . . . . . . . . . . . . . . . 40
8.25
Additional features . . . . . . . . . . . . . . . . . . . . . 40
8.26
Data EEPROM . . . . . . . . . . . . . . . . . . . . . . . . 41
8.27
Flash program memory. . . . . . . . . . . . . . . . . . 41
8.28
User configuration bytes . . . . . . . . . . . . . . . . . 43
8.29
User sector security bytes . . . . . . . . . . . . . . . 43
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 44
10
Static characteristics. . . . . . . . . . . . . . . . . . . . 45
11
Dynamic characteristics . . . . . . . . . . . . . . . . . 47
12
Comparator electrical characteristics . . . . . . 52
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 53
14
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
14.1
Introduction to soldering surface mount
packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
14.2
Reflow soldering. . . . . . . . . . . . . . . . . . . . . . . 56
14.3
Wave soldering. . . . . . . . . . . . . . . . . . . . . . . . 56
14.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . . 57
14.5
Package related soldering information . . . . . . 57
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . 58
16
Data sheet status. . . . . . . . . . . . . . . . . . . . . . . 59
17
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
18
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
19
Licenses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com