Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 23Page - Texas Instruments UCD3138RHAR Datasheet HTML 24Page - Texas Instruments UCD3138RHAR Datasheet HTML 25Page - Texas Instruments UCD3138RHAR Datasheet HTML 26Page - Texas Instruments UCD3138RHAR Datasheet HTML 27Page - Texas Instruments UCD3138RHAR Datasheet HTML 28Page - Texas Instruments UCD3138RHAR Datasheet HTML 29Page - Texas Instruments UCD3138RHAR Datasheet HTML 30Page - Texas Instruments UCD3138RHAR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
Error ADC
(Front End)
Filter
Digital
PWM
EAP
EAN
DPWMA
DPWMB
UCD3138
www.ti.com
SLUSAP2F – MARCH 2012 – REVISED NOVEMBER 2013
Table 4-1. Interrupt Priority Table (continued)
MODULE COMPONENT OR
NAME
DESCRIPTION
PRIORITY
REGISTER
DPWM3
DPWM3
Same as DPWM1
26
DPWM2
DPWM2
Same as DPWM1
27
1) Every (1-256) switching cycles
DPWM1
DPWM1
2) Fault Detection
28
3) Mode switching
DPWM0
DPWM0
Same as DPWM1
29
EXT_FAULT_INT
External Faults
Fault pin interrupt
30
SYS_SSI_INT
System Software
System software interrupt
31 (highest)
4.4
Peripherals
4.4.1
Digital Power Peripherals
At the core of the UCD3138 controller are 3 Digital Power Peripherals (DPP). Each DPP can be
configured to drive from one to eight DPWM outputs. Each DPP consists of:
•
Differential input error ADC (EADC) with sophisticated controls
•
Hardware accelerated digital 2-pole/2-zero PID based compensator
•
Digital PWM module with support for a variety of topologies
These can be connected in many different combinations, with multiple filters and DPWMs. They are
capable of supporting functions like input voltage feed forward, current mode control, and constant
current/constant power, etc.. The simplest configuration is shown in the following figure:
4.4.1.1
Front End
Figure 4-1 shows the block diagram of the front end module. It consists of a differential amplifier, an
adjustable gain error amplifier, a high speed flash analog to digital converter (EADC), digital averaging
filters and a precision high resolution set point DAC reference. The programmable gain amplifier in concert
with the EADC and the adjustable digital gain on the EADC output work together to provide 9 bits of range
with 6 bits of resolution on the EADC output. The output of the Front End module is a 9 bit sign extended
result with a gain of 1 LSB / mV. Depending on the value of AFE selected, the resolution of this output
could be either 1, 2, 4 or 8 LSBs. In addition Front End 0 has the ability to automatically select the AFE
value such that the minimum resolution is maintained that still allows the voltage to fit within the range of
the measurement. The EADC control logic receives the sample request from the DPWM module for
initiating an EADC conversion. EADC control circuitry captures the EADC-9-bit-code and strobes the
digital compensator for processing of the representative error. The set point DAC has 10 bits with an
additional 4 bits of dithering resulting in an effective resolution of 14 bits. This DAC can be driven from a
variety of sources to facilitate things like soft start, nested loops, etc. Some additional features include the
ability to change the polarity of the error measurement and an absolute value mode which automatically
adds the DAC value to the error.
It is possible to operate the controller in a peak current mode control configuration; front-end 2 is
recommended for implementing peak current mode control. In this mode topologies like the phase shifted
full bridge converter can be controlled to maintain transformer flux balance. The internal DAC can be
ramped at a synchronously controlled slew rate to achieve a programmable slope compensation. This
eliminates the sub-harmonic oscillation as well as improves input voltage feed-forward performance. A0 is
a unity gain buffer used to isolate the peak current mode comparator. The offset of this buffer is specified
in the Electrical Characteristics table.
Copyright © 2012–2013, Texas Instruments Incorporated
Functional Overview
27
Submit Documentation Feedback
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com