Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 4 Page - Texas Instruments

  UCD3138RHAR Datasheet HTML 1Page - Texas Instruments UCD3138RHAR Datasheet HTML 2Page - Texas Instruments UCD3138RHAR Datasheet HTML 3Page - Texas Instruments UCD3138RHAR Datasheet HTML 4Page - Texas Instruments UCD3138RHAR Datasheet HTML 5Page - Texas Instruments UCD3138RHAR Datasheet HTML 6Page - Texas Instruments UCD3138RHAR Datasheet HTML 7Page - Texas Instruments UCD3138RHAR Datasheet HTML 8Page - Texas Instruments UCD3138RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
UCD3138
SLUSAP2F – MARCH 2012 – REVISED NOVEMBER 2013
www.ti.com
List of Figures
3-1
I
2C/SMBus/PMBus Timing Diagram
........................................................................................... 20
3-2
Bus Timing in Extended Mode
.................................................................................................. 20
3-3
Power On Reset (POR) / Brown Out Reset (BOR)
.......................................................................... 20
3-6
ADC12 Measurement Temperature Sensor Voltage vs. Temperature
.................................................... 22
3-7
ADC12 2.5-V Reference vs. Temperature
.................................................................................... 22
3-8
ADC12 Temperature Sensor Measurement Error vs. Temperature
....................................................... 22
3-9
UCD3138 Oscillator Frequency (2MHz Reference, Divided Down from 250MHz) vs. Temperature
.................. 22
4-1
Input Stage of EADC Module
................................................................................................... 28
4-2
Front End Module
(Front End 2 Recommended for Peak Current Mode Control)
............................................................. 28
4-3
Secondary-Referenced Phase-Shifted Full Bridge Control
With Synchronous Rectification
................................................................................................ 42
4-4
Secondary-Referenced Half-Bridge Resonant LLC Control
With Synchronous Rectification
................................................................................................ 43
4-5
Fault Mux Block Diagram
....................................................................................................... 51
4-6
PMBus Address Detection Method
............................................................................................ 52
4-7
ADC12 Control Block Diagram
................................................................................................. 53
4-8
Internal Temp Sensor
............................................................................................................ 56
4-9
Simplified Current Sharing Circuitry
........................................................................................... 57
4
List of Figures
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com