Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS28F004AST Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS28F004AST
Description  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F004AST Datasheet(HTML) 4 Page - Texas Instruments

  TMS28F004AST Datasheet HTML 1Page - Texas Instruments TMS28F004AST Datasheet HTML 2Page - Texas Instruments TMS28F004AST Datasheet HTML 3Page - Texas Instruments TMS28F004AST Datasheet HTML 4Page - Texas Instruments TMS28F004AST Datasheet HTML 5Page - Texas Instruments TMS28F004AST Datasheet HTML 6Page - Texas Instruments TMS28F004AST Datasheet HTML 7Page - Texas Instruments TMS28F004AST Datasheet HTML 8Page - Texas Instruments TMS28F004AST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/
262144 BY 16-BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS829A − JANUARY 1996 − REVISED AUGUST 1997
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description (continued)
The TMS28F004Axy is offered in a 512K-byte organization only. The operation for this device is the same as
the TMS28F400Axy and is offered in the same voltage configurations. TMS28F004Axy can be substituted for
the byte-wide TMS28F400Axy with the latter being the generic name for this device family.
Embedded program and block-erase functions are fully automated by the on-chip write state machine (WSM),
simplifying these operations and relieving the system microcontroller of secondary tasks. WSM status can be
monitored by an on-chip status register to determine progress of program / erase tasks. The device features
user-selectable block erasure.
The configurations are as follows:
D The TMS28F400ASy configuration has the auto-select feature that allows the user alternative read and
program / erase voltages. Memory reads can be performed using 3.3-V VCC for optimum power
consumption or 5-V VCC for device performance. Erasing or programming the device can be accomplished
with 5-V VPP, which eliminates having to use a 12-V source and/or in-system voltage converters.
Alternatively,12-V VPP operation exists for systems that already have a 12-V power supply, which provides
faster programming and erasing times. This configuration is offered in two temperature ranges: 0
°C to 70°C
and −40
°C to 85°C.
D The TMS28F400AEy configuration offers the auto-select feature of the TMS28F400ASy with an extended
VCC range of 2.7-V to 3.6-V (3-V nominal). Memory reads can be performed using 3-V VCC, for more efficient
power consumption than the ’ASy device.
D The TMS28F400AMy configuration offers a 3-V or 5-V memory read with a 12-V program and erase. This
configuration is intended for low 3.3-V reads and the fast programming offered with the 12-V VPP and 5-V
VCC. This configuration is offered in two temperature ranges: 0°C to 70°C and − 40°C to 85°C.
D The TMS28F400AFy configuration offers a 5-V memory read with a 5-V or 12-V program and erase. This
configuration is intended for systems using a single 5-V power supply. This configuration is offered in three
temperature ranges: 0
°C to 70°C, − 40°C to 85°C, and − 40°C to 125°C.
D The TMS28F400AZy configuration offers a 5-V memory read with a 12-V program and erase for fast
programming and erasing times. This configuration is offered in three temperature ranges: 0
°C to 70°C,
− 40
°C to 85°C, and − 40°C to 125°C.
The y in the device name represents a T for top or B for bottom boot-block configuration.
All configurations of the TMS28F400Axy are offered in a 44-pin plastic small-outline package (PSOP) and a
48-pin thin small-outline package (TSOP). The TMS28F004Axy is offered in a 40-pin TSOP only. Both the 40-pin
and 48-pin TSOP are offered for the 0
°C to 70°C and − 40°C to 85°C temperature ranges only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com