Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTLX1672M3BNL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLX1672M3BNL
Description  10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1672M3BNL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLX1672M3BNL Datasheet HTML 1Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 2Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 3Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 4Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 5Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 6Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 7Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 8Page - Finisar Corporation. FTLX1672M3BNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FTLX1672M3BNL Product Specification
 Finisar Corporation - September 2015
Rev. C1
Page 5
VI.
Environmental Specifications
Finisar FTLX1672M3BNL transceivers have the following temperature
specifications:
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-5
85
°C
Storage Temperature
Tsto
-40
85
°C
VII. Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements
of
EN
(IEC)
60825
and
the
electrical
safety
requirements
of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com