Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320VC5510
Description  Fixed-Point Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5510 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 60Page - Texas Instruments TMS320VC5510 Datasheet HTML 61Page - Texas Instruments TMS320VC5510 Datasheet HTML 62Page - Texas Instruments TMS320VC5510 Datasheet HTML 63Page - Texas Instruments TMS320VC5510 Datasheet HTML 64Page - Texas Instruments TMS320VC5510 Datasheet HTML 65Page - Texas Instruments TMS320VC5510 Datasheet HTML 66Page - Texas Instruments TMS320VC5510 Datasheet HTML 67Page - Texas Instruments TMS320VC5510 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
Electrical Specifications
64
June 2000 − Revised September 2007
SPRS076O
5.8
HOLD and HOLDA Timings
Table 5−11 and Table 5−12 assume testing over recommended operating conditions (see Figure 5−14).
Table 5−11. HOLD and HOLDA Timing Requirements
NO.
VC5510/5510A-160
VC5510/5510A-200
UNIT
NO.
MIN
MAX
UNIT
H1
tsu(HOLDH-COH)
Setup time, HOLD high before CLKOUT high†
7
ns
† HOLD is synchronized internally. If the setup time shown is not met, HOLD will be recognized on the next clock cycle.
Table 5−12. HOLD and HOLDA Switching Characteristics‡
NO.
PARAMETER
VC5510/5510A-160
VC5510/5510A-200
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
H2
tR(COH-BHZ)
Response time, CLKOUT high to EMIF Bus high impedance (HZ)¶
4P
§
ns
H3
tR(COH-HOLDAL) Response time, CLKOUT high to HOLDA low
5P−1
ns
H4
tR(COH-HOLDAH) Response time, CLKOUT high to HOLDA high
4P−1
4P+5
ns
H5
tR(COH-BLZ)
Response time, CLKOUT high to EMIF Bus low impedance (LZ) (active)¶
4P−1
4P+5
ns
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
§ All pending EMIF transactions are allowed to complete before HOLDA is asserted. If no bus transactions are occurring, then the minimum delay
time can be achieved. Also, bus hold can be indefinitely delayed by setting NOHOLD = 1.
¶ EMIF Bus consists of CE[3:0], BE[3:0], D[31:0], A[21:0], ARE, AOE, AWE, SSADS, SSOE, SSWE, CLKMEM, SDA10, SDRAS, SDCAS, and
SDWE.
CLKOUT
HOLD
HOLDA
EMIF BUS†
H1
H1
H3
H4
H2
H5
† EMIF Bus consists of CE[3:0], BE[3:0], D[31:0], A[21:0], ARE, AOE, AWE, SSADS, SSOE, SSWE, SDA10, SDRAS, SDCAS, SDWE, and
CLKMEM.
Figure 5−14. HOLD/HOLDA Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com