Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5510 Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS320VC5510
Description  Fixed-Point Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5510 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 65Page - Texas Instruments TMS320VC5510 Datasheet HTML 66Page - Texas Instruments TMS320VC5510 Datasheet HTML 67Page - Texas Instruments TMS320VC5510 Datasheet HTML 68Page - Texas Instruments TMS320VC5510 Datasheet HTML 69Page - Texas Instruments TMS320VC5510 Datasheet HTML 70Page - Texas Instruments TMS320VC5510 Datasheet HTML 71Page - Texas Instruments TMS320VC5510 Datasheet HTML 72Page - Texas Instruments TMS320VC5510 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Electrical Specifications
69
June 2000 − Revised September 2007
SPRS076O
5.13 TIN/TOUT Timings
Table 5−19 and Table 5−20 assume testing over recommended operating conditions (see Figure 5−19 and
Figure 5−20).
Table 5−19. TIN/TOUT Pins Configured as Inputs Timing Requirements†
NO.
VC5510/5510A-160
VC5510/5510A-200
UNIT
NO.
MIN
MAX
UNIT
T4
tw(TIN/TOUTL)
Pulse width, TIN/TOUT low
2P + 1
ns
T5
tw(TIN/TOUTH)
Pulse width, TIN/TOUT high
2P + 1
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
Table 5−20. TIN/TOUT Pins Configured as Outputs Switching Characteristics†‡
NO.
PARAMETER
VC5510/5510A-160
VC5510/5510A-200
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
T1
td(COH-TIN/TOUTH)
Delay time, CLKOUT high to TIN/TOUT high
0
2
ns
T2
td(COH-TIN/TOUTL)
Delay time, CLKOUT high to TIN/TOUT low
0
2
ns
T3
tw(TIN/TOUT)
Pulse duration, TIN/TOUT (output)
P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 200 MHz, use P = 5 ns.
‡ For proper operation of the TIN/TOUT pin configured as an output, the timer period must be configured for at least 4 cycles.
TIN/TOUT
as Input
T4
T5
Figure 5−19. TIN/TOUT Timing When Configured as Inputs
TIN/TOUT
as Output
CLKOUT
T2
T1
T3
Figure 5−20. TIN/TOUT Timing When Configured as Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com