Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5441APGF Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 20Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 21Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 22Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 23Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 24Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 25Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 26Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 27Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
Functional Overview
24
December 1999 − Revised October 2008
SPRS122F
3.1
Memory
Each 5441 DSP subsystem maintains the peripheral register memory map and interrupt location/priorities of
the standard 5421. Each individual subsystem CPU memory map is illustrated in Figure 3−3 through
Figure 3−6.
The arbitration and access for local program/data memory and local data memory is based on a 16K-word
block size. The arbitration and access for all the shared memory is based on a 32K-word block size.
3.1.1 Memory Maps
Figure 3−3 through Figure 3−6 illustrate the CPU memory maps for subsystem A through subsystem D.
Figure 3−7 provides a detailed memory map of the local data memory relative to CPU subsystems A, B, C,
and D.
Page 0
Data Memory
Page 1
8000h
Page 2
FFFFh
Page 3
0000h
MPDA
Page 0
Data Memory
Page 1
Program Memory
Page 2
Page 3
0000h
8000h
FFFFh
: reserved
Program Memory
Memory Map with OVLY = 1
MPDA
MPDA
MPDA
MPDA
MPAB3
MPAB0
MPAB1
MPAB2
MPAB3
MPDA
MPAB3
MPAB3
MPAB3
MPAB0
MPAB1
MPAB2
Memory Map with OVLY = 0
MDA0
or
MDA1
MDA0
or
MDA1
NOTES: A. MPDA: local program/data memory in subsystem A
B. MDA: local data memory in subsystem A. MDA is controlled by the data memory map register (DMMR).
DMMR=0, MDA0 is mapped in 8000h − FFFFh.
DMMR=1, MDA1 is mapped in 8000h − FFFFh.
C. MPAB: shared program memory in subsystems A and B
Figure 3−3. Subsystem A CPU Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com