Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5441APGF Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 33Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 34Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 35Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 36Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 37Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 38Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 39Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 40Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
Functional Overview
37
December 1999 − Revised October 2008
SPRS122F
3.2.2.5
HPI Bus Holder Control
Both the HPI data and address buses have bus holders. By default, the bus holders are disabled after global
reset or subsystem A reset. The bus holders are configured via the BHD and BHA bits in the bank switching
control register (BSCR) located at 29h in subsystem A. Figure 3−13 shows the BSCR bit layout for
subsystem A and Table 3−5 describes the bit functions of BSCR.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
BHD
BHA
Reserved
U
R/W+0
R/W+0
U
LEGEND: R = Read, W = Write, U = Undefined
Figure 3−13. BSCR Register Bit Layout for Subsystem A
Table 3−5. BSCR Register Bit Functions for Subsystem A
BIT
NO.
BIT
NAME
FUNCTION
15−3
Reserved
These bits are reserved and are read as 0.
2
BHD
Data bus holder. BHD is cleared to 0 at reset.
BHD = 0: The HPI data bus holder is disabled.
BHD = 1: The HPI data bus holder is enabled.
1
BHA
Address bus holder. BHA is cleared to 0 at reset.
BHA = 0: The HPI address bus holder is disabled.
BHA = 1: The HPI address bus holder is enabled.
0
Reserved
This bit is reserved and is read as 0.
3.2.2.6
Other HPI16 System Considerations
•
Operation During IDLE − The HPI16 can continue to operate during IDLE1 or IDLE2 by using special clock
management logic that turns on relevant clocks to perform a synchronous memory access, and then turns
the clocks back off to save power. The DSP CPU does not wake up from the IDLE mode during this
process.
•
Downloading Code During Reset − The HPI16 can download code while the DSP is in reset. The system
provides a pin (RESET) that provides a way to take the HPI16 module out of reset while leaving the DSP
in reset.
•
Emulation considerations − The HPI16 can continue operation even when the DSP CPU is halted due to
debugger breakpoints or other emulation events.
•
XA Multiplexer − XA multiplexer controls the HPI data traffic from each subsystem to the device boundary.
The HPI module is the slave on the HPI bus. Figure 3−14 shows the 5441 block diagram with XA logic.
The XA basic function includes:
−
Making the HPI bus available for the selected subsystem HPI module according to HPI selection pins
HPI_SEL1/HPI_SEL2.
−
Granting HPI path to one of the subsystems at one time
•
The HPI_SEL1 and HPI_SEL2 pins are used to select the HPI module among the four cores. The selection
is indicated in Table 3−6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com