Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75115D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75115D
Description  DUAL DIFFERENTIAL RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75115D Datasheet(HTML) 4 Page - Texas Instruments

  SN75115D Datasheet HTML 1Page - Texas Instruments SN75115D Datasheet HTML 2Page - Texas Instruments SN75115D Datasheet HTML 3Page - Texas Instruments SN75115D Datasheet HTML 4Page - Texas Instruments SN75115D Datasheet HTML 5Page - Texas Instruments SN75115D Datasheet HTML 6Page - Texas Instruments SN75115D Datasheet HTML 7Page - Texas Instruments SN75115D Datasheet HTML 8Page - Texas Instruments SN75115D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
FK†
1375 mW
11.0 mW/
°C
880 mW
275 mW
J†
1375 mW
11.0 mW/
°C
880 mW
275 mW
N
1150 mW
9.2 mW/
°C
736 mW
—
W†
1000 mW
8.0 mW/
°C
640 mW
200 mW
† In the FK, J, and W packages, SN55115 chips are either silver glass or alloy mounted. SN75115 chips are
glass mounted.
recommended operating conditions
SN55115
SN75115
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level input voltage at STRB, VIH
2.4
2.4
V
Low-level input voltage at STRB, VIL
0.4
0.4
V
High-level output current, IOH
–5
–5
mA
Low-level output current, IOL
15
15
mA
Operating free-air temperature, TA
–55
125
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com