Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75115D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75115D
Description  DUAL DIFFERENTIAL RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75115D Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75115D Datasheet HTML 6Page - Texas Instruments SN75115D Datasheet HTML 7Page - Texas Instruments SN75115D Datasheet HTML 8Page - Texas Instruments SN75115D Datasheet HTML 9Page - Texas Instruments SN75115D Datasheet HTML 10Page - Texas Instruments SN75115D Datasheet HTML 11Page - Texas Instruments SN75115D Datasheet HTML 12Page - Texas Instruments SN75115D Datasheet HTML 13Page - Texas Instruments SN75115D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 13
PROPAGATION DELAY TIMES
vs
FREE-AIR TEMPERATURE
–75
TA – Free-Air Temperature – °C
30
125
0
–50
–25
0
25
50
75
100
5
10
15
20
25
VCC = 5 V
See Figure 1
tPHL (RL = 390 Ω)
tPLH (RL = 3.9 kΩ)
Figure 14
MAXIMUM OPERATING FREQUENCY
vs
RESPONSE-TIME-CONTROL CAPACITANCE
0.001
Response-Time-Control Capacitance –
µF
10M
10
100
0.01
0.1
1
1k
10k
1M
VCC = 5 V
Input: – 0.5-V to 0.5-V Square Wave
TA = 25°C
† Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55115 circuits
only. These parameters were measured with the active pullup connected to the sink output.
APPLICATION INFORMATION
Location 1
SN75113 Driver
SN75115 Receiver
Location 3
Location 2
Location 5
Location 4
Location 6
Twisted
Pair
ZO‡
ZO‡
‡ ZO = RT. A capacitor may be connected in series with ZO to reduce power dissipation.
Figure 15. Basic Party-Line or Data-Bus Differential Data Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com