Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16301HT-E/CH Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP16301HT-E/CH Datasheet HTML 21Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 22Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 23Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 24Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 25Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 26Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 27Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 28Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2011-2015 Microchip Technology Inc.
DS20005004D-page 25
MCP16301/H
FIGURE 6-3:
Typical Application 12V Input; 2V Output at 600 mA.
CB
SW
BOOST
GND
EN
FB
L
VIN
Boost Diode
FW Diode
2V
12V
DZ
RTOP
VOUT
COUT
CIN
VIN
RBOT
Component
Value
Manufacturer
Part Number
Comment
CIN
10 µF
Taiyo Yuden®
Co., Ltd.
EMK316B7106KL-TD Cap. Ceramic 10 µF 16V X7R 10% 1206
COUT
22 µF
Taiyo Yuden
Co., Ltd.
JMK316B7226ML-T Cap. Ceramic 22 µF 6.3V X7R 1206
L
10 µH
Coilcraft®
MSS4020-103ML
10 µH Shielded Power Inductor
RTOP
15 k
Panasonic®-ECG
ERJ-3EKF1502V
Res. 15.0 k
 1/10W 1% 0603 SMD
RBOT
10 k
Panasonic-ECG
ERJ-3EKF1002V
Res. 10.0 k
 1/10W 1% 0603 SMD
FW Diode
PD3S
Diodes
Incorporated®
PD3S120L-7
Diode Schottky 1A 20V POWERDI323
Boost Diode
1N4148
Diodes
Incorporated
1N4448WS-7-F
Diode Switch 75V 200 mW SOD-323
CB
100 nF
AVX® Corporation
0603YC104KAT2A
Cap. 0.1 µF 16V Ceramic X7R 0603 10%
DZ
7.5V Zener
Diodes
Incorporated
MMSZ5236BS-7-F
Diode Zener 7.5V 200 mW SOD-323
MCP16301/H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com