Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16301HT-E/CH Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP16301HT-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301HT-E/CH Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP16301HT-E/CH Datasheet HTML 23Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 24Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 25Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 26Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 27Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 28Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 29Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 30Page - Microchip Technology MCP16301HT-E/CH Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
 2011-2015 Microchip Technology Inc.
DS20005004D-page 27
MCP16301/H
FIGURE 6-5:
Typical Application 4V to 30V VIN to 3.3V VOUT at 150 mA.
CB
SW
BOOST
GND
EN
FB
L
VIN
Boost Diode
FW Diode
3.3V
4V to 30V
REN
CIN
RTOP
VOUT
VIN
COUT
RBOT
MCP16301/H
Component
Value
Manufacturer
Part Number
Comment
CIN
1 µF
Taiyo Yuden®
Co., Ltd.
GMK212B7105KG-T Cap. Ceramic 1.0 µF 35V X7R 0805
COUT
10 µF
Taiyo Yuden
Co., Ltd.
JMK107BJ106MA-T Cap. Ceramic 10 µF 6.3V X5R 0603
L15 µH
Coilcraft®
LPS3015-153MLB
Inductor Power 15 µH 0.61A SMD
RTOP
31.6 k
Panasonic®-ECG
ERJ-2RKF3162X
Res. 31.6 k
 1/10W 1% 0402 SMD
RBOT
10 k
Panasonic-ECG
ERJ-3EKF1002V
Res. 10.0 k
 1/10W 1% 0603 SMD
FW Diode
B0540
Diodes
Incorporated®
B0540WS-7
Diode Schottky 0.5A 40V SOD323
Boost Diode
1N4148
Diodes
Incorporated
1N4448WS-7-F
Diode Switch 75V 200 mW SOD-323
CB
100 nF
TDK® Corporation
C1005X5R0J104M
Cap. Ceramic 0.10 µF 6.3V X5R 0402
REN
10 M
Panasonic-ECG
ERJ-2RKF1004X
Res. 1.00 M
 1/10W 1% 0402 SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com