Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2050
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2050 Datasheet HTML 5Page - Microchip Technology MCP2050 Datasheet HTML 6Page - Microchip Technology MCP2050 Datasheet HTML 7Page - Microchip Technology MCP2050 Datasheet HTML 8Page - Microchip Technology MCP2050 Datasheet HTML 9Page - Microchip Technology MCP2050 Datasheet HTML 10Page - Microchip Technology MCP2050 Datasheet HTML 11Page - Microchip Technology MCP2050 Datasheet HTML 12Page - Microchip Technology MCP2050 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS20002299C-page 9
MCP2050
1.3.4
VREG
Positive Supply Voltage Regulator Output pin. An on-
chip LDO gives +5.0 or +3.3V 70 mA regulated voltage
on this pin.
1.3.5
TXD
Transmit Data Input pin (TTL level, HV compliant,
adaptive pull-up). The transmitter reads the data
stream on TXD pin and sends it to LIN bus. The LBUS
pin is low (dominant) when TXD is low, and high
(recessive) when TXD is high.
The Transmit Data Input pin has an internal adaptive
pull-up to an internally-generated 4.2V (approximate).
When TXD is ‘0’, a weak pull-up (~900 kΩ) is used to
reduce current. When TXD is ‘1’ a stronger pull-up
(~300 kΩ) is used to maintain the logic level. A series
reverse-blocking diode allows applying TXD input
voltages greater than the internally generated 4.2V and
renders TXD pin HV compliant up to 30V (see the Block
Diagram on page 2).
1.3.6
RESET
Reset Output pin. This pin is open drain with ~90 kΩ
pull-up to VREG. It indicates the internal voltage has
reached a valid, stable level. As long as the internal
voltage is valid (above 0.8VREG), this pin will remain
high (‘1’); otherwise the RESET pin switches to low (‘0’).
1.3.7
VSS
Ground pin.
1.3.8
LBUS
LBUS is a bidirectional LIN bus Interface pin and is
controlled by the signal TXD. It has an open collector
output
with
a
current
limitation.
To
reduce
electromagnetic emission, the slopes during signal
changes are controlled, and the LBUS pin has
corner-rounding control for both falling and rising edges.
The internal LIN receiver observes the activities on LIN
bus, and generates the output signal RXD that follows
the state of the LBUS. A first degree 160 kHz, low-pass
input filter optimizes electromagnetic immunity.
1.3.9
VBB
Battery Positive Supply Voltage pin. An external diode
is connected in series to prevent the device from being
reversely powered (refer Figure 1-12).
1.3.10
FAULT/TXE
Fault Detect Output/Transmitter Enable Input pin. The
output section is HV tolerant open drain (up to 30V).
The input section is identical with TXD section (TTL
level, HV compliant, adaptive pull-up). The internal pull-
up resistor may be too weak for some applications. An
external 10kΩ pull-up resistor is recommended to
ensure a logic high level. Its state is defined as shown
in Table 1-3. The device is placed in Transmitter Off
mode whenever this pin is low (‘0’), either from an
internal fault condition or by external drive.
If CS/LWAKE is high (‘1’), the FAULT/TXE signals a mis-
match between the TXD input and the LBUS level. This
can be used to detect a bus contention. Since the bus
exhibits a propagation delay, the sampling of the inter-
nal compare is debounced to eliminate false faults.
After the device wakes up, the FAULT/TXE indicates
what wakes the device if CS/LWAKE remains low (‘0’)
(refer to Table 1-3).
The FAULT/TXE pin sampled at a rate faster than every
10 µs.
1.3.11
WWDTSELECT
This is an analog input pin that sets the open window
time to accept a trigger reset. A resistor between this
pin and VSS sets this time. The equation to determine
the value of the resistor can be found in Section 1.2.2
“Windowed Watchdog Behavior”
.
1.3.12
WWDTTRIG
This is an input pin to reset the Windowed Watchdog
Timer. A high-to-low transition during the open window
time will reset the timer and prevent the WWDT from
timing out. The pin has an internal adaptive pull-up to
an internally-generated 4.2V (approximate.).
When WWDTTRIG is ‘0’, a weak pull-up (~800 kΩ
is
connected
to reduce current.
When WWDTTRIG is ‘1’, the pull-up is stronger to
maintain the logic level.
1.3.13
WWDTRESET
WWDTRESET is an open-drain output pin. This pin is
asserted low when the internal Windowed Watchdog
Timer has expired or an attempt was made to clear the
timer before the window has opened.
1.3.14
EP
It is recommended to connect this pad to VSS to enhance
electromagnetic immunity and thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com