Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2050 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2050
Description  LIN Transceiver with Voltage Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2050 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2050 Datasheet HTML 12Page - Microchip Technology MCP2050 Datasheet HTML 13Page - Microchip Technology MCP2050 Datasheet HTML 14Page - Microchip Technology MCP2050 Datasheet HTML 15Page - Microchip Technology MCP2050 Datasheet HTML 16Page - Microchip Technology MCP2050 Datasheet HTML 17Page - Microchip Technology MCP2050 Datasheet HTML 18Page - Microchip Technology MCP2050 Datasheet HTML 19Page - Microchip Technology MCP2050 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MCP2050
DS20002299C-page 16
 2012-2014 Microchip Technology Inc.
1.7
Typical Applications
FIGURE 1-12:
TYPICAL APPLICATION CIRCUIT
Note 1:
CREG, the load capacitor, should be ceramic or tantalum rated for extended temperatures,
1.0-22 µF. See Figure 2-1 for selecting the correct ESR.
2:
CBAT is the filter capacitor for the external voltage supply. It’s typically 10 · CREG, with no ESR
restriction. See Figure 1-11 to select the minimum recommended value for CBAT. The RTP value is
added to the line resistance.
3:
This diode is only needed if CS/LWAKE is connected to VBAT supply.
4:
ESD protection diode.
5:
This component is for additional load dump protection.
6:
An external 10 kΩ resistor is recommended for some applications.
LIN Bus
VBB
LBUS
VREG
TXD
RXD
VSS
VDD
TXD
RXD
MCU
VBAT
CBAT
CREG
CS/LWAKE
I/O
FAULT/TXE
I/O
43V(5)
1kΩ
VBB
Master Node Only
VBAT
220 kΩ
WAKE-UP
(3)
RTP
RESET
RESET
VSS
I/O
A/D
VBATRATIO
WWDTTRIG
WWDTRESET
IRQ
WWDTSELECT
100 nF
(6)
(6)
220 pF
MMBZ27V (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com