Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035-I/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP2035-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035-I/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP2035-I/ST Datasheet HTML 27Page - Microchip Technology MCP2035-I/ST Datasheet HTML 28Page - Microchip Technology MCP2035-I/ST Datasheet HTML 29Page - Microchip Technology MCP2035-I/ST Datasheet HTML 30Page - Microchip Technology MCP2035-I/ST Datasheet HTML 31Page - Microchip Technology MCP2035-I/ST Datasheet HTML 32Page - Microchip Technology MCP2035-I/ST Datasheet HTML 33Page - Microchip Technology MCP2035-I/ST Datasheet HTML 34Page - Microchip Technology MCP2035-I/ST Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 31
MCP2035
4.0
APPLICATION INFORMATION
Microchip’s MCP2030 and MCP2035 are stand-alone
analog-front devices for low frequency (LF) signal
detection and low-power/short range transponder
applications. The MCP2035 is a single-channel
device, while the MCP2030 is a three-channel device
for more advanced applications.
The device’s high input sensitivity (1 mVPP) and
ability to detect very weakly modulated input signals
(as low as 8%), makes the device suitable for
various
intelligent
short
range
transponder
applications,
such
as
Microchip’s
BodyCom
applications.
4.1
MCP2035 BodyCom Application
Example
Figure 4-1 shows an example of a BodyCom system
that is utilizing the human body as a signal transmis-
sion medium. The system has two units: (a) Base Sta-
tion Unit and (b) Mobile Unit. An example of the
BodyCom communication sequence is as follows:
• When the human interfaces with the Base Station,
it is initialized by an event of either touch or prox-
imity, and the Base Station transmits a modulated
128 kHz command signal.
• This signal is then capacitively coupled to the
human body, propagates and is detected by the
Mobile Unit’s high sensitivity MCP2035 front-end
device.
• The Mobile Unit processes the Base Station’s
command information, and responds back using a
high frequency (HF, 8 MHz) carrier.
• This respond signal is then received by the HF
receiver in the Base Station, and demodulated
and fed to another MCP2035 in the Base Station
unit for digital waveforms. This return signal is
then processed by the MCU in the Base Station.
Figure 4-2 shows an example of the Mobile Unit
schematics. This BodyCom solution can be used in
various applications such as secure access control and
passive keyless entry for automobiles.
FIGURE 4-1:
BodyCom System Example Utilizing the Human Body as a Signal Transmission
Medium.
Note:
See Microchip’s Application Note AN1391
for more details of the BodyCom
applications solutions.
HF
Transmitter
LF
Driver
(8 MHz)
Mixer
HF
Receiver
Base Station Unit
Mobile Unit
(128 kHz)
(8 MHz)
(128 kHz)
MCP2035
Human Interface
/Touch Pad
Capacitive
Coupling
Capacitive
Coupling
DSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com