Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2035-I/ST Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP2035-I/ST
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035-I/ST Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP2035-I/ST Datasheet HTML 39Page - Microchip Technology MCP2035-I/ST Datasheet HTML 40Page - Microchip Technology MCP2035-I/ST Datasheet HTML 41Page - Microchip Technology MCP2035-I/ST Datasheet HTML 42Page - Microchip Technology MCP2035-I/ST Datasheet HTML 43Page - Microchip Technology MCP2035-I/ST Datasheet HTML 44Page - Microchip Technology MCP2035-I/ST Datasheet HTML 45Page - Microchip Technology MCP2035-I/ST Datasheet HTML 46Page - Microchip Technology MCP2035-I/ST Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 43
MCP2035
5.29.2
CARRIER CLOCK OUTPUT
When the carrier clock output is selected, the LFDATA
output is a square pulse of the input carrier clock and
available as soon as the AGC stabilization time (TAGC)
is completed. There are two Configuration register
options for the carrier clock output: (a) clock divide-by
one or (b) clock divide-by four, depending on bit
DATOUT<7>
of
Configuration
Register
2
(Register 5-3). The carrier clock output is available
immediately after the AGC settling time. The Output
Enable Filter, AGCSIG, and MODMIN options are appli-
cable for the carrier clock output in the same way as the
demodulated output. See Figure 2-32 for carrier clock
output examples.
Related Configuration register bits
:
• Configuration Register 1 (Register 5-2),
DATOUT <8:7>:
bit 8 bit 7
00
: Demodulator Output
01
: Carrier Clock Output
10
: RSSI Output
11
: RSSI Output
• Configuration Register 2 (Register 5-3),
CLKDIV<7>:
0
: Carrier Clock/1
1
: Carrier Clock/4
• Configuration Register 0 (Register 5-1): all bits
are affected
• Configuration Register 5 (Register 5-6)
5.29.3
RECEIVED SIGNAL STRENGTH
INDICATOR (RSSI) OUTPUT
An analog current output is available at the RSSI pin
when the Received Signal Strength Indicator (RSSI)
output is selected by the Configuration register. The
analog current is linearly proportional to the input signal
strength.
All timers in the circuit, such as the Inactivity Timer,
Alarm Timer, and AGC initialization time, are disabled
during the RSSI mode. Therefore, the RSSI output is
not affected by the AGC stabilization time, and
available immediately when the RSSI option is
selected. The device enters Active mode immediately
when the RSSI output is selected.
When the device receives an SPI command during the
RSSI output, the RSSI mode is temporarily disabled
until the SPI communication is completed. It returns to
the RSSI mode again after the SPI communication is
completed. The RSSI mode is held until another
output type is selected (CS low turns off the RSSI
signal).
The RSSI output current is linearly proportional to the
input signal strength. There are variations between
device to device. See Figure 2-13 for examples. The
linearity (ILRRSSI) of the RSSI output current is tested
by sampling the outputs for three input points:
37 mVPP, 100 mVPP, and 370 mVPP. The RSSI output
current for 100 mVPP of input signal is compared with
the expected output current obtained from the line that
is connecting the two endpoints (37 mVPP and
370 mVPP). Equation 5-1 and Figure 5-7 show the
details for the RSSI linearity specification.
EQUATION 5-1:
RSSI LINEARITY
SPECIFICATION
FIGURE 5-7:
RSSI Linearity Test
Example.
ILRRSSI(%) =
Deviation at 100 mVPP of Input Signal
IRSSI for 370 mVPP of Input Signal
Where:
• Deviation at 100 mVPP of Input Signal =
[IRSSI measured - IRSSI expected] at 100 mVPP
of input signal.
•IRSSI expected = RSSI current obtained from
the line that is connecting two endpoints (RSSI
output currents for 37 mVPP and 370 mVPP of
input).
x 100%
y
x
37 mVPP 100 mVPP
370 mVPP
y = a+bx
=Measured
= Expected
d
d = Deviation
Input Signal Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com