Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021A-500E/P Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2021A-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021A-500E/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2021A-500E/P Datasheet HTML 17Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 18Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 19Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 20Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 21Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 22Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 23Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 24Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2012-2014 Microchip Technology Inc.
DS20002298C-page 21
MCP2021A/2A
Duty Cycle 4 @ 10.4 kbps
—
—
0.590
%tBIT
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF;
660
 | 10 nF; 500
THREC(MAX) = 0.251 x VBB,
THDOM(MAX)= 0.389 x VBB,
VBB =7.6V– 18V;
tBIT =96 µs.
D4 = tBUS_REC(MAX)/2 x tBIT
Voltage Regulator
Bus Activity Debounce time
tBDB
30
80
250
µs
Bus Activity to Voltage
Regulator Enabled
tBACTIVE
35
—
200
µs
Voltage Regulator Enabled
to Ready
tVEVR
300
—
1200
µs
Note 1
Chip Select to Ready Mode
tCSR
—
—
230
µs
Chip Select to Power-Down
tCSPD
—
—
330
µs
Note 2
Short Circuit to Shutdown
tSHUTDOWN
20
—
100
µs
RESET Timing
VREG OK Detect to RESET
Inactive
tRPU
——
60
µs
VREG Not OK Detect to
RESET Active
tRPD
——
60
µs
2.5
Thermal Specifications
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
Specified Temperature Range
TA
-40
—
+125
C
Maximum Junction Temperature
TJ
——
+150
C
Storage Temperature Range
TA
-65
—
+150
C
Recovery Temperature
RECOVERY
—+140—
C
Shutdown Temperature
SHUTDOWN
—+150—
C
Short Circuit Recovery Time
tTHERM
—1.5
5.0
ms
Thermal Package Resistances
Thermal Resistance, 8L-PDIP
JA
—
89.3
—
C/W
Thermal Resistance, 8L-SOIC
JA
—
149.5
—
C/W
Thermal Resistance, 8L-DFN
JA
—
48
—
C/W
Thermal Resistance, 14L-PDIP
JA
—
70
—
C/W
Thermal Resistance, 14L-SOIC
JA
—
90.8
—
C/W
Thermal Resistance, 14L-TSSOP
JA
—
100
—
C/W
Note 1:
The maximum power dissipation is a function of TJMAX,
JA, and ambient temperature, TA. The maximum
allowable power dissipation at an ambient temperature is PD =(TJMAX –TA)
JA. If this dissipation is
exceeded, the die temperature will rise above 150
C and the MCP2021A/2A will go into thermal shutdown.
2.4
AC Specifications (Continued)
AC Characteristics
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 18.0V; TA = -40°C to +125°C.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Time depends on external capacitance and load. Test condition: CREG = 4.7 µF, no resistor load.
2:
Characterized, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com