Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2021A-500E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2021A-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021A-500E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2021A-500E/P Datasheet HTML 5Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 6Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 7Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 8Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 9Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 10Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 11Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 12Page - Microchip Technology MCP2021A-500E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
 2012-2014 Microchip Technology Inc.
DS20002298C-page 9
MCP2021A/2A
The regulator requires an external output bypass
capacitor for stability. See Figure 2-1 for correct
capacity and ESR for stable operation.
In worst-case scenarios, the ceramic capacitor may
derate by 50%, based on tolerance, voltage and
temperature. Therefore, in order to ensure stability,
ceramic capacitors smaller than 10 µF may require a
small series resistance to meet the ESR requirements,
as shown in Table 1-4.
FIGURE 1-3:
VOLTAGE REGULATOR BLOCK DIAGRAM
Note:
A ceramic capacitor of at least 10 µF or a
tantalum capacitor of at least 2.2 µF is
recommended for stability.
TABLE 1-4:
RECOMMENDED SERIES
RESISTANCE FOR CERAMIC
CAPACITORS
Resistance
Capacitor
1
1µF
0.47
2.2 µF
0.22
4.7 µF
0.1
6.8 µF
Pass
Element
Sampling
Network
Buffer
VREG
VBB
VSS
Fast
Transient
Loop
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com