Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1502E/CB Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1703AT-1502E/CB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1502E/CB Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1703AT-1502E/CB Datasheet HTML 4Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 5Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 6Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 7Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 8Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 9Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 10Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 11Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
MCP1703A
DS20005122B-page 8
 2012-2013 Microchip Technology Inc.
Note:
Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25°C,
VIN = VOUT(MAX) + VDROPOUT(MAX) or 2.7V, whichever is greater.
FIGURE 2-19:
Load Regulation vs.
Temperature.
FIGURE 2-20:
Load Regulation vs.
Temperature.
FIGURE 2-21:
Load Regulation vs.
Temperature.
FIGURE 2-22:
Line Regulation vs.
Temperature.
FIGURE 2-23:
Line Regulation vs.
Temperature.
FIGURE 2-24:
Line Regulation vs.
Temperature.
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 1.2V
I
OUT = 1 mA to 200 mA
V
IN = 8V
V
IN = 14V
V
IN = 3.45V
V
IN = 5V
-1.60
-1.40
-1.20
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 2.5V
I
OUT = 1 mA to 250 mA
V
IN = 5V
V
IN = 14V
V
IN = 10V
V
IN = 3.65V
-1.20
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 5.0V
I
OUT = 1 to 250 mA
V
IN = 6V
V
IN = 14V
V
IN = 12V
V
IN = 8V
V
IN = 16V
0.00
0.04
0.08
0.12
0.16
0.20
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
IN = 3.45 to 16.0V
V
OUT = 1.2V
1 mA
100 mA
0 mA
200 mA
250 mA
0.00
0.04
0.08
0.12
0.16
0.20
0.24
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 2.5V
V
IN = 3.5V to 16V
100 mA
0 mA
250 mA
0.04
0.08
0.12
0.16
0.20
0.24
-45
-20
5
30
55
80
105
130
Temperature (°C)
V
OUT = 5.0V
V
IN = 6.0V to 16.0V
200 mA
100 mA
0 mA
250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com