Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1502E/CB Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1703AT-1502E/CB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1502E/CB Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1703AT-1502E/CB Datasheet HTML 5Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 6Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 7Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 8Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 9Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 10Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 11Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 12Page - Microchip Technology MCP1703AT-1502E/CB Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 9
MCP1703A
Note:
Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25°C,
VIN = VOUT(MAX) + VDROPOUT(MAX) or 2.7V, whichever is greater.
FIGURE 2-25:
PSRR vs. Frequency.
FIGURE 2-26:
PSRR vs. Frequency.
FIGURE 2-27:
PSRR vs. Frequency.
FIGURE 2-28:
PSRR vs. Frequency.
FIGURE 2-29:
Output Noise vs. Frequency.
FIGURE 2-30:
Power Up Timing.
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
V
R = 1.2V
V
IN = 2.9V
V
INAC = 200 mV p-p
C
IN = 0 μF
I
OUT = 10 mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
V
R = 1.2V
V
IN = 3.7V
V
INAC = 200 mV p-p
C
IN = 0 μF
I
OUT = 200 mA
-60
-50
-40
-30
-20
-10
0
V
R = 5.0V
V
IN = 6.2V
V
INAC = 200 mV p-p
C
0 F
-90
-80
-70
0.01
0.1
1
10
100
1000
Frequency (kHz)
C
IN = 0
F
I
OUT = 10 mA
-60
-50
-40
-30
-20
-10
0
V
R = 5.0V
V
IN = 8.5V
V
INAC = 800 mV p-p
C
0 F
-90
-80
-70
0.01
0.1
1
10
100
1000
Frequency (kHz)
C
IN = 0
F
I
OUT = 250 mA
0.100
1.000
10.000
CIN = 1 μF, COUT = 1 μF, IOUT = 50 mA
VOUT = 2.5V
VIN = 3.5V
VOUT = 5.0V
VIN = 6.0V
VOUT = 1.2V
VIN = 2.7V
0.001
0.010
0.01
0.1
1
10
100
1000
Frequency (kHz)
0
1
2
3
4
5
6
7
8
0
200
400
600
800
1000
Time (µs)
V
R = 2.5V, RLOAD = 25Ω
V
IN = 0V to 5.3V Step
V
IN
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com