Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1726-0802E/MF Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1726-0802E/MF
Description  1A, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726-0802E/MF Datasheet(HTML) 5 Page - Microchip Technology

  MCP1726-0802E/MF Datasheet HTML 1Page - Microchip Technology MCP1726-0802E/MF Datasheet HTML 2Page - Microchip Technology MCP1726-0802E/MF Datasheet HTML 3Page - Microchip Technology MCP1726-0802E/MF Datasheet HTML 4Page - Microchip Technology MCP1726-0802E/MF Datasheet HTML 5Page - Microchip Technology MCP1726-0802E/MF Datasheet HTML 6Page - Microchip Technology MCP1726-0802E/MF Datasheet HTML 7Page - Microchip Technology MCP1726-0802E/MF Datasheet HTML 8Page - Microchip Technology MCP1726-0802E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2005-2014 Microchip Technology Inc.
DS20001936D-page 5
MCP1726
Power Good Characteristics
Input Voltage Operating Range
for Valid PWRGD
VPWRGD_VIN
1.0
—
6.0
V
TA = +25°C
1.2
—
6.0
TA = -40°C to +125°C
ISINK = 100 µA
PWRGD Threshold Voltage
(Referenced to VOUT)
PWRGD_THF
88
92
96
%VOUT < 2.5V, Falling Edge
89
92
95
%VOUT > 2.5V, Falling Edge
PWRGD_THR
89
94
98
%VOUT < 2.5V, Rising Edge
90
93
96
%VOUT > 2.5V, Rising Edge
PWRGD Output Voltage Low
VPWRGD_L
—0.2
0.4
VIPWRGD SINK =1.2 mA
PWRGD Leakage
PWRGD_LK
—0.1
—
µA
VPWRGD =VIN =6.0V
PWRGD Time Delay
TPG
—
200
—
µs
CDELAY =OPEN
10
30
55
ms
CDELAY =0.01µF
—
300
—
ms
CDELAY =0.1 µF
Detect Threshold to PWRGD
Active Time Delay
TVDET-PWRGD
—
170
—
µs
Shutdown Input
Logic-High Input
VSHDN-HIGH
45
——
%VIN
VIN = 2.3V to 6.0V
Logic-Low Input
VSHDN-LOW
——
15
%VIN
VIN = 2.3V to 6.0V
SHDN Input Leakage Current
SHDNILK
-0.1
±0.001
+0.1
µA
VIN = 6V, SHDN =VIN,
SHDN =GND
AC Performance
Output Delay from SHDN
TOR
100
µs
SHDN = GND to VIN
VOUT = GND to 95% VR
Output Noise
eN
—2.0
—
µV/
Hz IOUT =200 mA, f = 1kHz,
COUT = 1 µF (X7R Ceramic),
VOUT =2.5V
Power Supply Ripple Rejection
Ratio
PSRR
—
54
—
dB
f = 100 Hz, COUT =10 µF,
IOUT =100 mA,
VINAC =30 mV pk-pk,
CIN =0 µF
Thermal Shutdown Temperature
TSD
—
150
—
°C
IOUT =100 µA,
VOUT =1.8V, VIN =2.8V
Thermal Shutdown Hysteresis
TSD
—10
—
°C
IOUT =100 µA,
VOUT =1.8V, VIN =2.8V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, VIN =(VR + 0.5V) or 2.3V, whichever is greater, IOUT =1 mA,
CIN =COUT = 4.7 µF (X7R Ceramic), TA =+25°C. Boldface type applies for junction temperatures, TJ (Note 7), of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
1:
The minimum VIN must meet two conditions: VIN  2.3V and VIN VR +2.5% VDROPOUT.
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output
voltage for the adjustable cases. VR =VADJ x((R1/R2) + 1). See Figure 4-1.
3:
TCVOUT =(VOUT-HIGH –VOUT-LOW)x 10
6/(VR x Temperature). VOUT-HIGH is the highest voltage measured over the
temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VIN =VR +0.5V.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, JA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained
junction temperatures above 125°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired junction temperature. The test time is small enough such that the rise in the junction temperature over the
ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com