Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1700-1802E/TO Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1700-1802E/TO
Description  Low Quiescent Current LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700-1802E/TO Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1700-1802E/TO Datasheet HTML 2Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 3Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 4Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 5Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 6Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 7Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 8Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 9Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP1700
DS20001826C-page 6
 2005-2013 Microchip Technology Inc.
Note: Unless otherwise indicated: VR =1.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL =100 µA,
TA =+25°C, VIN =VR +1V.
FIGURE 2-7:
Output Voltage vs. Input
Voltage (VR =5.0V).
FIGURE 2-8:
Output Voltage vs. Load
Current (VR =1.2V).
FIGURE 2-9:
Output Voltage vs. Load
Current (VR =1.8V).
FIGURE 2-10:
Output Voltage vs. Load
Current (VR =2.8V).
FIGURE 2-11:
Output Voltage vs. Load
Current (VR =5.0V).
FIGURE 2-12:
Dropout Voltage vs. Load
Current (VR =2.8V).
4.970
4.975
4.980
4.985
4.990
4.995
5.000
T
J = - 40°C
T
J = +25°C
V
R = 5.0V
I
OUT = 0.1 mA
4.955
4.960
4.965
4.970
5.0
5.2
5.4
5.6
5.8
6.0
Input Voltage (V)
T
J = +125°C
1.17
1.18
1.19
1.20
1.21
T
J = - 40°C
T
J = +25°C
T
J = +125°C
V
R = 1.2V
V
IN = VR + 1V
1.15
1.16
1.17
0
25
50
75
100
125
150
175
200
Load Current (mA)
T
J
+125 C
1.784
1.786
1.788
1.790
1.792
T
J = - 40°C
T
J = +25°C
T
J = +125°C
1.778
1.780
1.782
0
25
50
75
100
125
150
175
200
Load Current (mA)
V
R = 1.8V
V
IN = VR + 1V
2 784
2.786
2.788
2.790
2.792
2.794
2.796
2.798
T
J = - 40°C
T
J = +25°C
V
R = 2.8V
V
IN = VR + 1V
2.778
2.780
2.782
2.784
0
50
100
150
200
250
Load Current (mA)
T
J = +125°C
4 970
4.975
4.980
4.985
4.990
4.995
5.000
T
J = - 40°C
T
J = +25°C
V
R = 5.0V
V
IN = VR + 1V
4.955
4.960
4.965
4.970
0
50
100
150
200
250
Load Current (mA)
T
J = +125°C
0.10
0.15
0.20
0.25
T = 40°C
T
J = +25°C
T
J = +125°C
V
R = 2.8V
0.00
0.05
0
25
50
75 100 125 150 175 200 225 250
Load Current (mA)
T
J = - 40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com