Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1700-1802E/TO Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1700-1802E/TO
Description  Low Quiescent Current LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700-1802E/TO Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1700-1802E/TO Datasheet HTML 3Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 4Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 5Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 6Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 7Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 8Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 9Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 10Page - Microchip Technology MCP1700-1802E/TO Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2005-2013 Microchip Technology Inc.
DS20001826C-page 7
MCP1700
Note: Unless otherwise indicated: VR =1.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL =100 µA,
TA =+25°C, VIN =VR +1V.
FIGURE 2-13:
Dropout Voltage vs. Load
Current (VR =5.0V).
FIGURE 2-14:
Power Supply Ripple
Rejection vs. Frequency (VR =1.2V).
FIGURE 2-15:
Power Supply Ripple
Rejection vs. Frequency (VR =2.8V).
FIGURE 2-16:
Noise vs. Frequency.
FIGURE 2-17:
Dynamic Load Step
(VR =1.2V).
FIGURE 2-18:
Dynamic Load Step
(VR =1.8V).
0.06
0.08
0.10
0.12
0.14
0.16
T
J = +25°C
T
J = +125°C
V
R = 5.0V
0.00
0.02
0.04
0
25
50
75 100 125 150 175 200 225 250
Load Current (mA)
T
J = - 40°C
0.01
0.1
0
10.0
100
1000
1.0
0
Frequency ( Hz)
0
-10
-20
-30
-40
-50
+10
+20
-60
-70
0.01
0.01
10.
00
100
1000
Frequency ( Hz)
+20
+10
0
-10
-20
-30
-40
-50
-60
1
010
1.00
10.00
V
IN = 2.5V
V
R = 1.2V
I
OUT = 50 mA
V
IN = 2.8V
V
R = 1.8V
I
OUT = 50 mA
V
IN = 3.8V
V
R = 2.8V
I
OUT = 50 mA
0.01
0.10
0.01
0.1
1
10
100
1000
Frequency (kHz)
VIN =2.2V
VR =1.2V
I=100 mA
Load
Step
CIN =1µF Ceramic
COUT = 1µF Ceramic
VIN =2.8V
VR =1.8V
I=100 mA
Load
Step
CIN =1µF Ceramic
COUT = 1µF Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com