Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1726-ADJ2E/MF Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1726-ADJ2E/MF
Description  1A, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726-ADJ2E/MF Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1726-ADJ2E/MF Datasheet HTML 24Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 25Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 26Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 27Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 28Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 29Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 30Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 31Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2005-2014 Microchip Technology Inc.
DS20001936D-page 29
MCP1726
APPENDIX A:
REVISION HISTORY
Revision D (September 2014)
The following is the list of modifications:
1.
Corrected the typical output voltage tolerance in
the Features section to match the stated value
in the DC Characteristics table.
2.
Corrected illustrations of package markings in
Section 6.0, Packaging Information
.
3.
Minor typographical changes.
Revision C (August 2007)
The following is the list of modifications:
1.
Added 3.0V option to Section 6.1, Package
Marking Information
.
2.
Updated package outline drawings.
3.
Added 3.0V option to Product Identification
System (PIS) section.
Revision B (March 2005)
The following is the list of modifications:
1.
Replaced 3x3 DFN package diagram.
2.
Emphasized (bolded) a few specifications of
Section 1.0, Electrical Characteristics
in the
DC Characteristics table.
Revision A (February 2005)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com