Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1726-ADJ2E/MF Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1726-ADJ2E/MF
Description  1A, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726-ADJ2E/MF Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1726-ADJ2E/MF Datasheet HTML 14Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 15Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 16Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 17Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 18Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 19Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 20Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 21Page - Microchip Technology MCP1726-ADJ2E/MF Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP1726
DS20001936D-page 18
 2005-2014 Microchip Technology Inc.
5.0
APPLICATION CIRCUITS/
ISSUES
5.1
Typical Application
The MCP1726 is used for applications that require high
LDO output current and a power good output.
FIGURE 5-1:
Typical Application Circuit.
5.1.1
APPLICATION CONDITIONS
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation within the MCP1726 is a
function of input voltage, output voltage, output current
and quiescent current. The following equation can be
used to calculate the internal power dissipation for the
LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the MCP1726 as a
result of quiescent or ground current. The power
dissipation as a result of the ground current can be
calculated using the following equation:
EQUATION 5-2:
The total power dissipated within the MCP1726 is the
sum of the power dissipated in the LDO pass device
and the PI(GND) term. Because of the CMOS
construction, the typical IGND for the MCP1726 is
140 µA. Operating at a maximum of 3.63V results in a
power dissipation of 0.51 mW. For most applications,
this is small compared to the LDO pass device power
dissipation and can be neglected.
The
maximum
continuous
operating
junction
temperature specified for the MCP1726 is +125°C. To
estimate the internal junction temperature of the
MCP1726, the total internal power dissipation is
multiplied by the thermal resistance from junction to
ambient (R
JA) of the device. The thermal resistance
from junction to ambient for the 3x3 DFN package is
estimated at 64°C/W.
EQUATION 5-3:
Package Type = 8-Lead 3x3 DFN
Input Voltage Range = 3.3V ± 10%
VIN maximum = 3.63V
VIN minimum = 2.97V
VOUT typical = 2.5V
IOUT =1.0A maximum
1
2
3
4
5
6
7
8
10 µF
VOUT =2.5V @ 1A
10 µF
VIN =3.3V
On
Off
R1
C1
C2
1000 pF
C3
MCP1726-2.5
10 k
PWRGD
VIN
SHDN
GND
PWRGD
CDELAY
VOUT
VOUT
VIN
P
LDO
V
IN MAX

V
OUT MIN

–
 I
OUT MAX

=
PLDO = LDO Pass device internal power
dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
P
IGND

V
IN MAX

I
VIN
=
PI(GND) = Power dissipation due to the quiescent
current of the LDO
VIN(MAX) = Maximum input voltage
IVIN = Current flowing in the VIN pin with no
LDO output current (LDO quiescent
current)
T
JMAX

P
TOTAL
R
JA
T
AMAX

+
=
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total device power dissipation
R
JA = Thermal resistance from
junction-to-ambient
TA(MAX) = Maximum ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com