Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP3054WM-X/63 Datasheet(PDF) 2 Page - Texas Instruments

Part # TP3054WM-X/63
Description  Extended Temperature Serial Interface CODEC/Filter COMBO Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054WM-X/63 Datasheet(HTML) 2 Page - Texas Instruments

  TP3054WM-X/63 Datasheet HTML 1Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 2Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 3Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 4Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 5Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 6Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 7Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 8Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TP3054-X, TP3057-X
SNOSBY2C – MARCH 2005 – REVISED APRIL 2013
www.ti.com
Block Diagram
Figure 3.
PIN DESCRIPTIONS
Symbol
Function
VBB
Negative power supply pin.
VBB = −5V ±5%.
GNDA
Analog ground. All signals are referenced to this pin.
VFRO
Analog output of the receive power amplifier.
VCC
Positive power supply pin.
VCC = +5V ±5%.
Receive frame sync pulse which enables BCLKR to shift PCM data into DR. FSR is an 8 kHz
FSR
pulse train. See Figure 4 and Figure 5 for timing details.
DR
Receive data input. PCM data is shifted into DR following the FSR leading edge.
The bit clock which shifts data into DR after the FSR leading edge. May vary from 64 kHz to
2.048 MHz. Alternatively, may be a logic input which selects either 1.536 MHz/1.544 MHz or
BCLKR/CLKSEL
2.048 MHz for master clock in synchronous mode and BCLKX is used for both transmit and
receive directions (see Table 1).
Receive master clock. Must be 1.536 MHz, 1.544 MHz or 2.048 MHz. May be asynchronous with
MCLKX, but should be synchronous with MCLKX for best performance. When MCLKR is
MCLKR/PDN
connected continuously low, MCLKX is selected for all internal timing. When MCLKR is connected
continuously high, the device is powered down.
Transmit master clock. Must be 1.536 MHz, 1.544 MHz or 2.048 MHz. May be asynchronous
MCLKX
with MCLKR. Best performance is realized from synchronous operation.
Transmit frame sync pulse input which enables BCLKX to shift out the PCM data on DX. FSX is
FSX
an 8 kHz pulse train, see Figure 4 and Figure 5 for timing details.
The bit clock which shifts out the PCM data on DX. May vary from 64 kHz to 2.048 MHz, but must
BCLKX
be synchronous with MCLKX.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: TP3054-X TP3057-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com