Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP3054WM-X/63 Datasheet(PDF) 7 Page - Texas Instruments

Part # TP3054WM-X/63
Description  Extended Temperature Serial Interface CODEC/Filter COMBO Family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054WM-X/63 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TP3054WM-X/63 Datasheet HTML 3Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 4Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 5Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 6Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 7Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 8Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 9Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 10Page - Texas Instruments TP3054WM-X/63 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TP3054-X, TP3057-X
www.ti.com
SNOSBY2C – MARCH 2005 – REVISED APRIL 2013
Timing Specifications
Unless otherwise noted, limits printed in BOLD characters are ensured for VCC = +5.0V ±5%, VBB = −5.0V ±5%; TA = −40°C
to +85°C by correlation with 100% electrical testing at TA = 25°C. All other limits are assured by correlation with other
production tests and/or product design and characterization. All signals referenced to GNDA. Typicals specified at VCC =
+5.0V, VBB = –5.0V, TA = 25°C. All timing parameters are assured at VOH = 2.0V and VOL = 0.7V. See Definitions and Timing
Conventions section for test methods information.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1/tPM
Depends on the Device Used and the
1.536
MHz
Frequency of Master Clocks
BCLKR/CLKSEL Pin.
1.544
MHz
MCLKX and MCLKR
2.048
MHz
tRM
Rise Time of Master Clock
MCLKX and MCLKR
50
ns
tFM
Fall Time of Master Clock
MCLKX and MCLKR
50
ns
tPB
Period of Bit Clock
485
488
15725
ns
tRB
Rise Time of Bit Clock
BCLKX and BCLKR
50
ns
tFB
Fall Time of Bit Clock
BCLKX and BCLKR
50
ns
tWMH
Width of Master Clock High
MCLKX and MCLKR
160
ns
tWML
Width of Master Clock Low
MCLKX and MCLKR
160
ns
tSBFM
Short Frame
100
ns
Set-Up Time from BCLKX High
First Bit Clock after the Leading Edge of
to MCLKX Falling Edge
FSX
Long Frame
125
tSFFM
Setup Time from FSX High to
100
ns
Long Frame Only
MCLKX Falling Edge
tWBH
Width of Bit Clock High
VIH=2.2V
160
ns
tWBL
Width of Bit Clock Low
VIL=0.6V
160
ns
tHBFL
Holding Time from Bit Clock
Long Frame Only
0
ns
Low to Frame Sync
tHBFS
Holding Time from Bit Clock
Short Frame Only
0
ns
High to Frame Sync
tSFB
Set-Up Time from Frame Sync
Long Frame Only
115
ns
to Bit Clock Low
tDBD
Delay Time from BCLKX High
Load=150 pF plus 2 LSTTL Loads
0
140
ns
to Data Valid
tDBTS
Delay Time to TSX Low
Load=150 pF plus 2 LSTTL Loads
140
ns
tDZC
Delay Time from BCLKX Low to
CL=0 pF to 150 pF
50
165
ns
Data Output Disabled
tDZF
Delay Time to Valid Data from
FSX or BCLKX, Whichever
CL=0 pF to 150 pF
20
165
ns
Comes Later
tSDB
Set-Up Time from DR Valid to
50
ns
BCLKR/X Low
tHBD
Hold Time from BCLKR/X Low to
50
ns
DR Invalid
tSF
Set-Up Time from FSX/R to
Short Frame Sync Pulse (1 Bit Clock Period Long)
50
ns
BCLKX/R Low
tHF
Hold Time from BCLKX/R Low
Short Frame Sync Pulse (1 Bit Clock Period Long)
100
ns
to FSX/R Low
tHBFl
Hold Time from 3rd Period of
Long Frame Sync Pulse (from 3 to 8 Bit Clock Periods
Bit Clock Low to Frame Sync
100
ns
Long)
(FSX or FSR)
tWFL
Minimum Width of the Frame
64k Bit/s Operating Mode
160
ns
Sync Pulse (Low Level)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TP3054-X TP3057-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com