Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF88332DA Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 53Page - NXP Semiconductors PCF88332DA Datasheet HTML 54Page - NXP Semiconductors PCF88332DA Datasheet HTML 55Page - NXP Semiconductors PCF88332DA Datasheet HTML 56Page - NXP Semiconductors PCF88332DA Datasheet HTML 57Page - NXP Semiconductors PCF88332DA Datasheet HTML 58Page - NXP Semiconductors PCF88332DA Datasheet HTML 59Page - NXP Semiconductors PCF88332DA Datasheet HTML 60Page - NXP Semiconductors PCF88332DA Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
2003 Feb 14
57
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
When the required bias system (a) is defined, the LCD
supply voltage for a display size N can be determined; see
equation (4).
(4)
The parameter P in equation (4) is the number of
simultaneous selected rows. For the maximum number of
rows of 132, P = 4 is chosen. When partial Display mode
is selected the P value is set to 1 internally.
The bias voltages needed in a MRA LCD driver depends
on the number of simultaneous selected rows (P). The
bias voltages of the PCF8833 are given for P = 4 and
P = 1; see Fig.32. In the PCF8833 the maximum column
voltage (GMAX) is always lower or equal to the row
voltage F.
V
LCD
2a
V
ON
×
N
Pa
2
N2a
++
()
---------------------------------------
×
=
handbook, full pagewidth
MGU941
VLCD2
V2H
V1H
VC
V1L
V2L
VSS
P = 4
F
−F
VC
Gmax
−Gmax
VLCD2
V2H
VC
V2L
VSS
P = 1
F
−F
VC
Gmax
−Gmax
Fig.32 Bias levels for a MRA system with P = 4 and P = 1.
The bias voltage levels are a function of the row voltage
F and a:
(5)
(6)
(7)
(8)
Depending on the value of p, the bias levels are set in the
ratio of:
p=1:
αR − 2R − 2R −αR
p=4:
αR − R − R − R − R −αR
Where the value of
α is in the range from 0 to 4.
The value of F is determined by (
α +2) × R and the value
of Gmax is determined by 2 × R.
The relationship between the ratio F/Gmax and α:
(9)
or:
(10)
The relation between a and
α for a given p is the following:
(11)
This leads to the following bias systems given in Table 70.
F
V
LCD
2
-------------
=
FG
max
≥
F
G
max
a
×
p
-----------------------
=
F
G
max
--------------
a
p
---
=
F
G
max
--------------
a
p
---
α 2
+
() R
×
2R
×
-----------------------------
α 2
+
()
2
------------------
1
α
2
---
+
==
=
=
α
F
G
max
-------------
1
–

 2
×
=
a
α
2
---
1
+

 p
×
=
α
a
p
---
1
–

 2
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com