Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF88332DA Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 66Page - NXP Semiconductors PCF88332DA Datasheet HTML 67Page - NXP Semiconductors PCF88332DA Datasheet HTML 68Page - NXP Semiconductors PCF88332DA Datasheet HTML 69Page - NXP Semiconductors PCF88332DA Datasheet HTML 70Page - NXP Semiconductors PCF88332DA Datasheet HTML 71Page - NXP Semiconductors PCF88332DA Datasheet HTML 72Page - NXP Semiconductors PCF88332DA Datasheet HTML 73Page - NXP Semiconductors PCF88332DA Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
2003 Feb 14
70
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
9
SERIAL INTERFACE
Communication with the microcontroller can also occur via
a clock-synchronized serial peripheral interface. The
selection of this interface is achieved with pin PS0; see
Section 7.1.1.
The serial interface is a 3-line bidirectional interface for
communication between the microcontroller and the LCD
driver chip. The 3 lines are chip enable (SCE), Serial
Clock (SCLK) and Serial Data (SD). The PCF8833 is
connected to the SD pin of the microcontroller by two pins
SDIN (data input) and SDOUT (data output) which are
connected together.
9.1
Write mode
The Write mode of the interface means that the
microcontroller writes commands and data to the
PCF8833. Each data packet contains a control bit D/C and
a transmission byte. If bit D/C is logic 0, the following byte
is interpreted as a command byte. The command set is
given in Table 1. If bit D/C is logic 1, the following bytes are
stored in the display data RAM or registers. After every
RAM data byte the address counter increments
automatically. Figure 42 shows the general format of the
Write mode and the definition of the transmission byte.
Any instruction can be sent in any order to the PCF8833;
the MSB is transmitted first. The serial interface is
initialized when SCE is HIGH. In this state, SCLK pulses
have no effect and no power is consumed by the serial
interface. A falling edge on pin SCE enables the serial
interface and indicates the start of data transmission.
Figure 42 shows the protocol of the Write mode:
• When SCE is HIGH, SCLKs are ignored. The serial
interface is initialized during the HIGH time of SCE.
• At the falling edge of SCE SCLK must be LOW (see
Fig.51)
• SDIN is sampled at the rising edge of SCLK
• D/C indicates, whether the byte is a command (D/C=0)
or data (D/C = 1). It is sampled with the first rising SCLK
edge.
• If SCE stays LOW after the last bit of a data/command
byte, the serial interface will receive the D/C bit of the
next byte at the next rising edge of SCLK (see Fig.43).
• A reset pulse at pin RES interrupts the transmission.
The data being written into the RAM may be corrupted.
The registers are cleared. If SCE is LOW after the rising
edge of RES, the serial interface is ready to receive the
D/C bit of a data/command byte; see Figs 44 and 50.
handbook, full pagewidth
MGU958
TB
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
transmission byte (TB)
may be a command OR a data byte
D/C
TB
D/C
D/C
TB
D/C
Fig.42 Serial data stream, Write mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com