| Electronic Components Datasheet Search |
|
PCF88331 Datasheet(PDF) 50 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF88331 Datasheet(HTML) 50 Page - NXP Semiconductors |
|
50 / 112 page ![]() 2003 Feb 14 50 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 6.2.34 SUPER FRAME INVERSION The Super frame inversion command (FINV), which is the inversion of the row functions after all rows are written to can be switched off for the PCF8833. When switched off, the inversion of the row functions will then only be done with N-line inversion. Inversion of the row functions is needed so as to avoid a DC component over the LCD display. A detailed description of the N-line inversion is given in Section 6.2.45. The FINV control bit reset state is defined in Table 52. Table 52 Super frame inversion register bits Table 53 Super frame inversion reset state 6.2.35 DATA ORDER The data order (DOR) of the data which will be written into the RAM can be changed (swapped). The DOR command is explained and the reset state defined in Table 55. Table 54 Data order register bits Table 55 Data order reset state 6.2.36 TEMPERATURE COMPENSATED FRAME FREQUENCY The PCF8833 incorporates a temperature segmented frame frequency programming; see Section 6.2.41. This segmented frame frequency can be disabled by using the temperature compensated frame frequency (TCDFE) command. The TCDFE control bit reset state is defined in Table 57. When the non-segmented frame frequency is chosen, the frame frequency in segment B (DFB) is valid; see Section 6.2.41. Table 56 Temperature compensated frame frequency register bits D/C 7 6543210 DEFAULT 0 1 0 1 1 1 0 0 FINV B9H BIT LOGIC 0 LOGIC 1 (RESET STATE) FINV super frame inversion is off super frame inversion is on D/C 7 6543210 DEFAULT 0 1 0 1 1 1 0 1 DOR BAH BIT LOGIC 0 (RESET STATE) LOGIC 1 DOR normal data order MSB/LSB transposed for RAM data D/C 7 6543210 DEFAULT 0 1 0 1 1 1 1 0 TCDFE BDH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |