Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF88331 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 54Page - NXP Semiconductors PCF88331 Datasheet HTML 55Page - NXP Semiconductors PCF88331 Datasheet HTML 56Page - NXP Semiconductors PCF88331 Datasheet HTML 57Page - NXP Semiconductors PCF88331 Datasheet HTML 58Page - NXP Semiconductors PCF88331 Datasheet HTML 59Page - NXP Semiconductors PCF88331 Datasheet HTML 60Page - NXP Semiconductors PCF88331 Datasheet HTML 61Page - NXP Semiconductors PCF88331 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
2003 Feb 14
58
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 70 Bias system ratios
Notes
1. For Partial mode internally P = 1 is set, otherwise P = 4 is selected. Limitations for Partial mode given in
Section 6.2.43.2 for respectively for full Display mode given in Section 6.2.43.1 have to be taken into account.
2. Reset state.
Table 71 Set bias system register bits; note 1
Note
1. X = don’t care.
VB[3:0]
F/Gmax
α
a
P=1(N=32)(1)
P=4(N= 132)(1)
0000
1.000
0.00
not allowed
not allowed
0001
1.250
0.50
0010
1.375
0.75
0011
1.500
1.00
1.500
0100
1.625
1.25
1.625
0101
1.750
1.50
1.750
0110
1.875
1.75
1.875
0111
2.000
2.00
2.000
8.0
1000
2.125
2.25
2.125
8.5
1001
2.250
2.50
2.250
9.0
1010
2.375
2.75
2.375
9.5
1011
2.500
3.00
2.500
10.0(2)
1100
2.625
3.25
2.625
not allowed
1101
2.750
3.50
2.750
1110
2.875
3.75
2.875
1111
3.000
4.00
3.000
D/C
76543210
DEFAULT
011000111
C7H
1
XXXX
VB3
VB2
VB1
VB0
0BH
6.2.43.1
Limitations on bias voltages in Normal mode
VDD1: 1.5 to 3.3 V
VLCD1: 5.5 to 11 V
VLCD2: 10 to 20 V
(VLCD2 − VLCD1): 4.5 to 9 V
but for VLCD2: 10 to 11 V:
6.2.43.2
Limitations on bias voltages in Partial mode
VDD1: 1.5 to 3.3 V
VLCD1: 2.9 to 12 V
VLCD2: 3.8 to 12 V
V
LCD2
2
----------------
V
LVD1


0 to 1 V
=
V
LCD2
2
----------------
V
LCD1


0 to 0.5 V
=
V
LCD2
V
LCD1
()
max
0.5 V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com