Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL5802LPL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL5802LPL
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LPL Datasheet(HTML) 1 Page - Diodes Incorporated

  AL5802LPL Datasheet HTML 1Page - Diodes Incorporated AL5802LPL Datasheet HTML 2Page - Diodes Incorporated AL5802LPL Datasheet HTML 3Page - Diodes Incorporated AL5802LPL Datasheet HTML 4Page - Diodes Incorporated AL5802LPL Datasheet HTML 5Page - Diodes Incorporated AL5802LPL Datasheet HTML 6Page - Diodes Incorporated AL5802LPL Datasheet HTML 7Page - Diodes Incorporated AL5802LPL Datasheet HTML 8Page - Diodes Incorporated AL5802LPL Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AL5802LPL
Document number: DS38590 Rev. 3 - 2
1 of 11
www.diodes.com
April 2016
© Diodes Incorporated
AL5802LPL
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Description
The AL5802LPL combines a high-gain NPN transistor with a pre-
biased NPN transistor to make a simple, small footprint LED driver.
The LED current is set by an external resistor connected from the
REXT Pin (4) to the GND Pin (6), and the internal high gain transistor
develops approximately 0.6V across the external resistor.
The AL5802
LPL’s open-collector output can operate from 0.8V to 30V
making it suitable for industry standard 5V to 24V power supplies
without additional components.
PWM dimming of the LED current can be achieved by either driving
the BIAS Pin (1) with a low impedance voltage source, or driving the
EN Pin (5) with an external open-collector NPN transistor or
open-drain N-Channel MOSFET.
The AL5802LPL is available in a U-DFN3030-6 (Type B) package and
is ideal for driving 10mA to 120mA LED currents.
Features
Reference Voltage VREXT = 0.65V
-40 to +125°C Operating Temperature Range
0.8V to 30V Open-Collector Output
Negative Temperature Coefficient
– Automatically Reduces the
LED Current at High Temperatures
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Package: U-DFN3030-6 (Type B)
The Collector of Q2 is Connected to Pin 2 and Pad 7 which is on
the Underside of the Package
Pin 3 is Not Connected to Anything
Mechanical Data
Case: U-DFN3030-6 (Type B)
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94-V-0.
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.0156 grams
Ordering Information (Note 4)
Device
Qualification
Packaging
Tape and Reel
Quantity
Part Number Suffix
AL5802LPL
Commercial
U-DFN3030-6 (Type B)
3,000/Tape & Reel
-7
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Internal Schematic
(Top View)
(Bottom View)
1
2
3
6
5
4
7
e4


Similar Part No. - AL5802LPL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
More results

Similar Description - AL5802LPL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLD101 DIODES-DLD101 Datasheet
165Kb / 7P
LINEAR MODE CURRENT SINK LED DRIVER
DS32007 Rev. 6 - 2
AL5801 DIODES-AL5801 Datasheet
234Kb / 11P
100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 3
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5811 DIODES-AL5811 Datasheet
366Kb / 13P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 1
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802 DIODES-AL5802_14 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com