Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4052 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4052
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4052 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4052 Datasheet HTML 1Page - STMicroelectronics M74HC4052 Datasheet HTML 2Page - STMicroelectronics M74HC4052 Datasheet HTML 3Page - STMicroelectronics M74HC4052 Datasheet HTML 4Page - STMicroelectronics M74HC4052 Datasheet HTML 5Page - STMicroelectronics M74HC4052 Datasheet HTML 6Page - STMicroelectronics M74HC4052 Datasheet HTML 7Page - STMicroelectronics M74HC4052 Datasheet HTML 8Page - STMicroelectronics M74HC4052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
LOGIC LEVEL TRANSLATION TO ENABLE
5V LOGIC SIGNAL TO COMMUNICATE
WITH
±5V ANALOG SIGNAL
s
LOW "ON" RESISTANCE:
70
Ω TYP. (V
CC - VEE = 4.5V)
50
Ω TYP. (V
CC - VEE = 9V)
s
WIDE ANALOG INPUT VOLTAGE RANGE:
±6V
s
FAST SWITCHING:
tpd = 15ns (TYP.) at TA = 25 °C
s
LOW CROSSTALK BETWEEN SWITCHES
s
HIGH ON/OFF OUTPUT VOLTAGE RATIO
s
WIDE OPERATING SUPPLY VOLTAGE
RANGE (VCC - VEE) = 2V TO 12V
s
LOW SINE WAVE DISTORTION:
0.02% at VCC - VEE = 9V
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4052
DESCRIPTION
The M74HC4052 is a dual four-channel analog
MULTIPLEXER/DEMULTIPLEXER
fabricated
with silicon gate C2MOS technology and it is pin
to pin compatible with the equivalent metal gate
CMOS4000B series.
It contains 8 bidirectional and digitally controlled
analog switches.
A built-in level shifting is included to allow an input
range up to
±6V (peak) for an analog signal with
digital control signal of 0 to 6V.
VEE supply pin is provided for analog input
signals. It has an inhibit (INH) input terminal to
disable all the switches when high. For operation
as a digital multiplexer/demultiplexer, VEE is
connected to GND.
A and B control inputs select one channel out of
four in each section.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4052
DUAL 4-CHANNEL
ANALOG MULTIPLEXER/DEMULTIPLEXER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4052B1R
SOP
M74HC4052M1R
M74HC4052RM13TR
TSSOP
M74HC4052TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4052 STMICROELECTRONICS-M74HC4052 Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4052B1R STMICROELECTRONICS-M74HC4052B1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4052C1R STMICROELECTRONICS-M74HC4052C1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4052F1R STMICROELECTRONICS-M74HC4052F1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4052M1R STMICROELECTRONICS-M74HC4052M1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
More results

Similar Description - M74HC4052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
Dual 4-channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com