Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4052 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC4052
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4052 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC4052 Datasheet HTML 1Page - STMicroelectronics M74HC4052 Datasheet HTML 2Page - STMicroelectronics M74HC4052 Datasheet HTML 3Page - STMicroelectronics M74HC4052 Datasheet HTML 4Page - STMicroelectronics M74HC4052 Datasheet HTML 5Page - STMicroelectronics M74HC4052 Datasheet HTML 6Page - STMicroelectronics M74HC4052 Datasheet HTML 7Page - STMicroelectronics M74HC4052 Datasheet HTML 8Page - STMicroelectronics M74HC4052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M74HC4052
4/12
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min.
Typ.
Max.
Min. Max.
Min.
Max.
VIHC
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VILC
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
RON
ON Resistance
4.5
GND VI = VIHC or VILC
VI/O = VCC to VEE
II/O ≤ 2mA
85
180
225
270
Ω
4.5
-4.5
55
120
150
180
6.0
-6.0
50
100
125
150
2.0
GND
VI = VIHC or VILC
VI/O = VCC or VEE
II/O ≤ 2mA
150
4.5
GND
70
150
190
230
4.5
-4.5
50
100
125
150
6.0
-6.0
45
80
100
120
∆R
ON
Difference of ON
Resistance
between switches
4.5
GND VI = VIHC or VILC
VI/O = VCC or VEE
II/O ≤ 2mA
10
30
35
45
Ω
4.5
-4.5
5
12
15
18
6.0
-6.0
5
10
12
15
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
6.0
GND
VOS = VCC or
GND
VIS = GND or VCC
VI = VILC or VIHC
±0.06
± 0.6
± 1.2
µA
6.0
-6.0
± 0.1
± 1
± 2
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
6.0
GND
VOS = VCC or
GND
VI = VIHC or VILC
±0.06
± 0.6
± 1.2
µA
6.0
-6.0
± 0.1
± 1
± 2
II
Input Leakage
Current
6.0
GND VI = VCC or GND
± 0.1
± 0.1
± 1
µA
ICC
Quiescent Supply
Current
6.0
GND
VI = VCC or GND
440
80
µA
6.0
-6.0
8
80
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com