Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K629A Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT82K629A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 23Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Key Matrix
R0/PA0
R1/PA1
R2/PA2
R3/PA3
R4/PA4
R5/PA5
R6/PA6
R7/PA7
C0/PB0
PAUSE
126
Pre Track
Stop
Play/Pause
CTRL-R
64
Next Track
CTRL-L
58
F5
116
C1/PB1
Q
17
TAB
16
A
31
ESC
110
Z
46
N-CHG
131
¢(~)
1
1(!)
2
C2/PB2
W
18
CAPS
30
S
32
|(\)
45
X
47
CHG
132
F1
112
2(@)
3
C3/PB3
E
19
F3
114
D
33
F4
115
C
48
ROMA
133
F2
113
3(#)
4
C4/PB4
R
20
T
21
F
34
G
35
V
49
B
50
5(%)
6
4($)
5
C5/PB5
U
23
Y
22
J
37
H
36
M
52
N
51
6(^)
7
7(&)
8
C6/PB6
I
24
](})
28
K
38
F6
117
,(<)
53
\(-)
56
=(+)
13
8(*)
9
C7/PB7
O
25
F7
118
L
39
.(>)
54
APP
F8
119
9(
¢(¢)
10
C8/PD0
7(Home)
91
4(
¬)
92
1(End)
93
SPACE
61
NUM LOCK
90
¯
84
DEL
76
POWER
C9/PD1
|(\)
14
BACK
15
\(|)
29
F11
122
ENTER-L
43
F12
123
F9
120
F10
121
C10/PD2
SCROLL
125
Vol-
ALT-L
60
Vol+
ALT-R
62
Mute
PRINT
SCREEN
C11/PD3
P
26
[({)
27
;(:)
40
'(
²)
41
|(\)
42
/(?)
55
_(-)
12
0(
¢)¢)
11
C12/PD4
Screen
Save
WIN-L
Rec
Rew
Min
Eject
F10/
Scroll
C13/PD5
KC-L
150
WIN-R
00
000
F2/F12
KC-R
151
C14/PD6
Media
E-mail
WWW
Home
WWW
Back
WWW
Forward
WWW
Stop
WWW
Refresh
WWW
Bkmk
C15/PD7
My
Computer
Calculator
­/
Page Up
¯/
Page Down
¬/
Home
®/
END
Explorer
C16/PC4 Wake-up
SHIFT-L
44
SHIFT-R
57
WWW
Search
F1/F11
FN
C17/PC5
+
106
.
107
ENTER-R
108
­
83
¬
79
HOME
80
END
81
C18/PC6
9(PgUp)
101
6(
®)
102
3(PgDn)
103
.(Del)
104
*
100
-
105
PgUp
85
PgDn
86
C19/PC7
8(
­)
96
5
97
2(
¯)
98
0(Ins)
99
/
95
®
89
INS
75
SLEEP
HT82K629A
Rev. 1.30
19
April 16, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com