Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K629A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82K629A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
HT82K629A
Rev. 1.30
5
April 16, 2004
F3H
- Set Typematic Rate/Delay
The host issues the Set Typematic Rate/Delay com-
mand to change the typematic rate and delay. The
HT82K629A responds to the command with ACK, stops
scanning and waits for the system to issue the rate/de-
lay value byte. The HT82K629A responds to the value
byte with another ACK, sets the rate and delay to the
value indicated, and continues scanning (if it was previ-
ously enabled). Bits 6 and 5 indicate the delay, and bits
4, 3, 2, 1 and 0 indicate the rate. Bit7 is always 0. The
delay is equal to 1 plus the binary value bit 6 and 5, mul-
tiplied by 250ms
±20%.
The period (interval from one typematic output to the
next) is determined by the following equation:
Period = (8+A)*(2^B)*0.00417 seconds.
Where:
A = binary value of bits 2, 1, and 0.
B = binary value of bits 4, and 3.
The typematic rate is 1 for each period and are listed as
follows:
Bit
Typematic
Rate
± 20%
Bit
Typematic
Rate
± 20%
00000
30.0
10000
7.5
00001
26.7
10001
6.7
00010
24.0
10010
6.0
00011
21.8
10011
5.5
00100
20.0
10100
5.0
00101
18.5
10101
4.6
00110
17.1
10110
4.3
00111
16.0
10111
4.0
01000
15.0
11000
3.7
01001
13.3
11001
3.3
01010
12.0
11010
3.0
01011
10.9
11011
2.7
01100
10.0
11100
2.5
01101
9.2
11101
2.3
01110
8.0
11110
2.1
01111
8.0
11111
2.0
The default values for the HT82K629A are as follows:
Typematic rate= 10.9 characters per second
± 20%
Delay = 500ms
±20%
The execution of this command stops without changes
to the existing rate if another command is received in-
stead of the rate/delay value byte.
F4H
- Enable
Upon receipt of this command, the HT82K629A will re-
spond with ACK, clears its output buffer, clears the last
typematic key, and starts scanning.
F5H
- Default Disable
The Default Disable command resets all conditions to
the power on default states. The HT82K629A will
respond with ACK, clears its output buffer, sets the de-
fault typematic rate/delay, and clears the last typematic
key. The HT82K629A then stops scanning and awaits
further command.
F6H
- Set Default
The Set Default command resets all conditions to the
power on default states. The HT82K629A will respond
with ACK, clears its output buffer, sets the default key
typematic rate/delay, and clears the last typematic key
then continues scanning.
F7H, F8H, F9H, FAH
- Set All Keys
Since HT82K629A do not support keyboard code set 3
format, so it will not acknowledge the command but re-
turns a Resend command and continues in its previous
scanning state.
FBH, FCH, FDH
- Set Key Type
Since HT82K629A do not support keyboard code set 3
format, so it will not acknowledge the command but re-
turns a Resend command and continues in its previous
scanning state.
FEH
- Resend
The host sends this command when it detects an error in
any transmission from the HT82K629A. It is sent only af-
ter a data transmission and before the host allows the
next data output. When a Resend is received, the
HT82K629A sends the previous output again (unless
the previous output was Resent, in which case the
HT82K629A sends the last byte before the Resend
command).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com