Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN83C185 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN83C185
Description  HIGH PERFORMANCE SINGLE CHIP LOW POWER 10/100 ETHERNET PHYSICAL LAYER TRANSCEIVER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C185 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN83C185 Datasheet HTML 9Page - SMSC Corporation LAN83C185 Datasheet HTML 10Page - SMSC Corporation LAN83C185 Datasheet HTML 11Page - SMSC Corporation LAN83C185 Datasheet HTML 12Page - SMSC Corporation LAN83C185 Datasheet HTML 13Page - SMSC Corporation LAN83C185 Datasheet HTML 14Page - SMSC Corporation LAN83C185 Datasheet HTML 15Page - SMSC Corporation LAN83C185 Datasheet HTML 16Page - SMSC Corporation LAN83C185 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
Datasheet
SMSC LAN83C185
13
Rev. 0.8 (11-16-04)
DATASHEET
37
TX_ER
(TXD4)
I
I
MII Transmit Error: When driven high, the 4B/5B encode
process substitutes the Transmit Error code-group (/H/)
for the encoded data word. This input is ignored in
10BaseT operation.
In Symbol Interface (5B Decoding) mode, this signal
becomes the MII Transmit Data 4: the MSB of the 5-bit
symbol code-group.
48
CRS
O
Carrier Sense: Indicate detection of carrier.
33
RX_DV
O
Receive Data Valid: Indicates that recovered and
decoded data nibbles are being presented on RXD[3:0].
30
RXD2
O
Receive Data 2: Bit 2 of the 4 data bits that sent by the
PHY in the receive path.
29
RXD3
O
Receive Data 3: Bit 3 of the 4 data bits that sent by the
PHY in the receive path.
38
TX_CLK
O
Transmit Clock: 25MHz in 100Base-TX mode. 2.5MHz in
10Base-T mode.
34
RX_CLK
O
Receive Clock: 25MHz in 100Base-TX mode. 2.5MHz in
10Base-T mode.
Table 3.2 LED Signals
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
16
SPEED100
O
LED1 – SPEED100 indication. Active indicates that the
selected speed is 100Mbps. Inactive indicates that the
selected speed is 10Mbps.
17
LINKON
O
LED2 – LINK ON indication. Active indicates that the Link
(100Base-TX or 10Base-T) is on.
19
ACTIVITY
O
LED3 – ACTIVITY indication. Active indicates that there
is Carrier sense (CRS) from the active PMD.
20
FDUPLEX
O
LED4 – DUPLEX indication. Active indicates that the PHY
is in full-duplex mode.
Table 3.3 Management Signals
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION
26
MDIO
IO
Management Data Input/OUTPUT: Serial management
data input/output.
27
MDC
I
Management Clock: Serial management clock.
Table 3.1 MII Signals (continued)
PIN NO.
SIGNAL NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com